Electronic Components Datasheet Search
  English  ▼

X  

RF5765 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5765
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5765 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5765 Datasheet HTML 2Page - RF Micro Devices RF5765 Datasheet HTML 3Page - RF Micro Devices RF5765 Datasheet HTML 4Page - RF Micro Devices RF5765 Datasheet HTML 5Page - RF Micro Devices RF5765 Datasheet HTML 6Page - RF Micro Devices RF5765 Datasheet HTML 7Page - RF Micro Devices RF5765 Datasheet HTML 8Page - RF Micro Devices RF5765 Datasheet HTML 9Page - RF Micro Devices RF5765 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5765
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Pin
Function
Description
1TX_IN
RF input for the 802.11b/g PA. Input is matched to 50
 and DC block is provided.
2VREG
Regulated voltage for the bias control circuit, and the TX control port of the SP3T which is also tied to this pin. An
external bypass capacitor may be needed on the VREG line for decoupling purposes.
3RX OUT
Receive port for 802.11b/g band. Internally matched to 50
. DC block provided.
4LNA VDD
Voltage supply for the LNA.
5
C_BWRX
SPST switch control pin. (Simultaneous WiFi and BT receive.) See truth table for proper level.
6C RX
Receive switch control pin. See switch truth table for proper level.
7N/C
No connect.
8BT
RF bidirectional port for Bluetooth®. Input is matched to 50
 and DC block is provided.
9C_BT
Bluetooth® switch control pin. See truth table for proper level.
10
ANT
Port matched to 50
 and is DC blocked internally.
11
GND
Ground.
12
N/C
No connect.
13
N/C
No connect.
14
VCC
Supply voltage for the PA.
15
VCC
Supply voltage for the bias circuit of the PA.
16
PDETECT
Power detector voltage for TX section. PDET voltage varies with output power. May need external decoupling
capacitor for noise bypassing. May need external circuitry to bring output voltage to desired level.
TX IN
VREG
RX OUT
LNA_VCC
C_BT
ANT
GND
N/C
5
6
7
8
9
10
11
12
2
3
4
1
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com