Electronic Components Datasheet Search
  English  ▼

X  

RF6505TR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6505TR13
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505TR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6505TR13 Datasheet HTML 1Page - RF Micro Devices RF6505TR13 Datasheet HTML 2Page - RF Micro Devices RF6505TR13 Datasheet HTML 3Page - RF Micro Devices RF6505TR13 Datasheet HTML 4Page - RF Micro Devices RF6505TR13 Datasheet HTML 5Page - RF Micro Devices RF6505TR13 Datasheet HTML 6Page - RF Micro Devices RF6505TR13 Datasheet HTML 7Page - RF Micro Devices RF6505TR13 Datasheet HTML 8Page - RF Micro Devices RF6505TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
500
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Input Power to PA and
LNA (no damage)
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Specifications must be met across supply volt-
age, control voltage, and temperature ranges
unless otherwise noted. Typical conditions:
T=25°C, VCC=3.6V
Operating Frequency Range
2400
2483
MHz
Operating Voltage (VCC)
3.2
3.6
4.2
V
TX_EN and RX_EN
2.9
3.0
V
Leakage Current
1
uA
All control logics=Low, No RF Input
Transmit Parameters
Frequency
2400
2483
MHz
Input Return Loss
10
Amplitude Imbalance
-1
1
dB
Phase Imbalance
-10
10
deg
Output Return Loss
10
Gain
24
28
dB
At rated power
Gain Flatness
0.8
0.5
dB
P1dB
27
dBm
VCC=3.6V, Temp=25°C. Using 802.15.4
OQPSK modulation signal
Spectral mask performance
-30
dBm
Supply current
490
mA
PO=27dBm 802.15.4 OQPSK
380
mA
PO=24dBm 802.15.4 OQPSK
Idle current
110
mA
No RF Input
Thermal Resistance
42
°C/W
4V VCC, 4V VREG, 27dBm, POUT, TREF = 90°C
2nd harmonic level
-40
dBc
Measured using standard 802.15.4 OQPSK
modulation signal
3rd harmonic level
-30
dBc
Measured using standard 802.15.4 OQPSK
modulation signal
VSWR Stability and load mismatch
susceptibility
5:1
VSWR No damage
10:1
Gain settling time
2
uS
Current sourced through TX_EN
pin
510
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com