Electronic Components Datasheet Search
  English  ▼

X  

RF6505TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6505TR13
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505TR13 Datasheet(HTML) 7 Page - RF Micro Devices

  RF6505TR13 Datasheet HTML 1Page - RF Micro Devices RF6505TR13 Datasheet HTML 2Page - RF Micro Devices RF6505TR13 Datasheet HTML 3Page - RF Micro Devices RF6505TR13 Datasheet HTML 4Page - RF Micro Devices RF6505TR13 Datasheet HTML 5Page - RF Micro Devices RF6505TR13 Datasheet HTML 6Page - RF Micro Devices RF6505TR13 Datasheet HTML 7Page - RF Micro Devices RF6505TR13 Datasheet HTML 8Page - RF Micro Devices RF6505TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
with Murata Filter
1
J1
RFN
GND
GND
1
J2
ANT1
GND
1
J3
ANT2
GND
GND
GND
GND
RX_EN
GND
C12
0.1uF
LNAEN
GND
C13
0.1uF
GND
C9
1.0uF
GND
C10
1.0uF
ANT1EN
ANT2EN
PDET
GND
C4
0.1uF
UNBAL
1
GND/DC
2
BAL
3
BAL
4
GND
5
NC
6
U2
GND
GND
C8
5.1pF
C7
1.0uF
GND
GND
C6
5.1pF
C5
1.0uF
GND
GND
GND
GND
VCCPA3
CTRX
CTTX
VCCLNA
1
2
3
4
5
6
P1
LNAEN
ANT1EN
ANT2EN
PDET
VCCPA2
1
2
3
4
5
6
P2
GND
C1
330pF
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
OUT
4
IN
8
F2
OUT
4
IN
8
F1
N/C
11
GND
12
GND
14
ANT1
13
ANT2
15
GND
2
RFN
1
RFP
3
TX_EN
5
VCC
4
DF
21
U1
RFFM6005
GND
VCC3
VCC1/2
C3
DNP
CTTX
GND
C2
DNP
GND
VCCLNA
L7
2.0nH
GND
C17
DNP
GND
C18
.01uF
L8
DNP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com