Electronic Components Datasheet Search
  English  ▼

X  

RF6514 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6514
Description  3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6514 Datasheet(HTML) 8 Page - RF Micro Devices

  RF6514 Datasheet HTML 1Page - RF Micro Devices RF6514 Datasheet HTML 2Page - RF Micro Devices RF6514 Datasheet HTML 3Page - RF Micro Devices RF6514 Datasheet HTML 4Page - RF Micro Devices RF6514 Datasheet HTML 5Page - RF Micro Devices RF6514 Datasheet HTML 6Page - RF Micro Devices RF6514 Datasheet HTML 7Page - RF Micro Devices RF6514 Datasheet HTML 8Page - RF Micro Devices RF6514 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF6514
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
3
2
7
12
17
22
27
32
0
5
10
15
20
25
30
POUT (dBm)
PA Gain (dB)versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, and C_RX = 0.2V
Freq = 490MHz, Temp =30°C, 25°C, and 70°C
30°C
25 °C
70 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
5
0
5
10
15
20
25
30
35
POUT (dBm)
ICC (mA) versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, and C_RX = 0.2V
Freq = 490MHz, Temp = 30°C, 25°C, and 70°C
30°C
25°C
70°C
3
2
7
12
17
22
27
32
0
5
10
15
20
25
30
POUT (dBm)
PA Gain (dB) versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4, and C_RX = 0.2V
Freq = 470MHz,490MHz, and 510 MHz, Temp = 25°C
470MH
490MH
510MH
0
5
10
15
20
25
30
35
25
20
15
10
5
0
5
10
15
20
PIN (dBm)
POUT (dBm) versus PIN (dBm)
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, and C_RX = 0.2V
Freq = 470MHz, 490MHz, and 510MHz, Temp= 25°C
470MH
490MH
510MH
0
5
10
15
20
25
30
35
25
20
15
10
5
0
5
10
15
20
PIN (dBm)
POUT (dBm) versusPIN (dBm)
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, and C_RX = 0.2V
Freq = 490MHz, Temp = 30°C, 25°C, and 70°C
30°C
25°C
70°C
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
460
470
480
490
500
510
520
Frequency (MHz)
Rx Insertion Loss (dB) versusFrequency (MHz)
VCC = 3.6V, VREG = 0.2V, C_TX = 0.2V, andC_RX = 3.4V
30°C
25°C
70°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com