Electronic Components Datasheet Search
  English  ▼

X  

RF6514 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6514
Description  3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6514 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6514 Datasheet HTML 1Page - RF Micro Devices RF6514 Datasheet HTML 2Page - RF Micro Devices RF6514 Datasheet HTML 3Page - RF Micro Devices RF6514 Datasheet HTML 4Page - RF Micro Devices RF6514 Datasheet HTML 5Page - RF Micro Devices RF6514 Datasheet HTML 6Page - RF Micro Devices RF6514 Datasheet HTML 7Page - RF Micro Devices RF6514 Datasheet HTML 8Page - RF Micro Devices RF6514 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
GND
ANT
GND
GND
TX
GND
26
18
19
20
21
23
24
25
RX
GND
NC
GND
GND
GND
GND
GND
22
GND
GND
RF6514
3.3V TO 4.0V, 470MHz to 510MHz
TRANSMIT/RECEIVE MODULE
This module is intended for 470MHz to 510MHz AMR solutions. It provides sepa-
rate ports for Rx and Tx paths. The PA section provides a nominal output power of
30dBm. The device is provided in a 5.5mm x 5.0mm, 28-pin package.
Features
Tx Output Power: 30dBm
Separate 50
 Tx/Rx Transceiver
Interface
Rx Insertion Loss: 1dB
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
490MHz ISM Band Application
Single Chip RF Front End Module
DS120611
Package: LGA, 28-Pin, 5.5mm x 5.0mm
RF65143.3V
to 4.0V,
470MHz to
510MHz Trans-
mit/Receive
Module
RF6514
ISM Band Transmit/Receive Module
RF6514PCK-410
Fully Assembled Evaluation Board and 5 loose sample pieces
RF6514SR
Standard 100 piece reel
RF6514TR7
Standard 2500 piece reel


Similar Part No. - RF6514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
RF6515PCK-410 RFMD-RF6515PCK-410 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
RF6515SQ RFMD-RF6515SQ Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
RF6515SR RFMD-RF6515SR Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
RF6515TR13 RFMD-RF6515TR13 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
More results

Similar Description - RF6514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com