Electronic Components Datasheet Search
  English  ▼

X  

RF6535 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6535
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6535 Datasheet HTML 1Page - RF Micro Devices RF6535 Datasheet HTML 2Page - RF Micro Devices RF6535 Datasheet HTML 3Page - RF Micro Devices RF6535 Datasheet HTML 4Page - RF Micro Devices RF6535 Datasheet HTML 5Page - RF Micro Devices RF6535 Datasheet HTML 6Page - RF Micro Devices RF6535 Datasheet HTML 7Page - RF Micro Devices RF6535 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Parameters
(continued)
Current sourced through TXCT pin
18.0
mA
Voltage drop from TXCT pin to
TXP/TXN
0.1
V
Receive Parameters
Frequency
2400
2483
MHz
Gain
9.5
11.5
13.5
dB
From antenna to RX pin (entire RX path).
Noise Figure
3
4
dB
From antenna to RX pin (entire RX path).
Current
8
11
mA
LNA + Switches
Input IP3
7
dBm
Gain flatness
-0.5
0.5
dB
Input return loss
6
8.5
dB
Output return loss
7.5
dB
Balanced Output Impedance
200
Amplitude imbalance
-1
1
dB
Phase imbalance
-15
15
deg
Current sourced through RXCT pin
1
mA
Voltage drop from RXCT pin to
RXP/RXN
0.1
V
Antenna Switch
RF-to-Control Isolation
50
dB
Measured at any control pin while in TX or RX
mode.
RF-to-ANT Isolation
17
20
dB
Measured from Antenna to RX port while in
Transmit mode. Measured from Antenna to TX
port while in Receive mode.
RF-to-RF Isolation
18
20
dB
Measured from TX port to RX port while in
receive or transmit modes.
Antenna Select Switch Speed
1
uS
ANT1 or ANT2 path, TX or RX mode
Control Logic
Control Logic = HIGH
= VCC -0.3
= VCC
V
SDN and ANT_SEL
Control Logic = HIGH
1.7
1.8
3.6
V
CTL
Control Logic = LOW
0
0.2
V
All Logic I/O’s
Control Current. Logic HIGH
10
AAll Logic I/O’s
Control Current. Logic LOW
0.1
AAll Logic I/O’s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com