Electronic Components Datasheet Search
  English  ▼

X  

RF6535 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6535
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535 Datasheet(HTML) 6 Page - RF Micro Devices

  RF6535 Datasheet HTML 1Page - RF Micro Devices RF6535 Datasheet HTML 2Page - RF Micro Devices RF6535 Datasheet HTML 3Page - RF Micro Devices RF6535 Datasheet HTML 4Page - RF Micro Devices RF6535 Datasheet HTML 5Page - RF Micro Devices RF6535 Datasheet HTML 6Page - RF Micro Devices RF6535 Datasheet HTML 7Page - RF Micro Devices RF6535 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF6535 Biasing Instructions
Tx Mode
• With the RF source disabled, apply 3.3V to VCC with other controls set to 0V
• Apply 3.0V to SDN and 1.8V to CTL
• Apply 0V to ANT_SEL to select the ANT1 port, or 3.0V to select the ANT2 port
•VCC current should rise to 70mA to 80mA quiescent current
• Enable the RF source; VCC current should rise to a maximum of 200mA depending on output power
RX Mode
• With the RF source disabled, apply 3.3V to VCC with other controls set to 0V
• Apply 3.0V to SDN, keeping CTL at 0V
• Apply 0V to ANT_SEL to select the ANT1 port, or 3.0V to select the ANT2 port
•VCC current should rise to 7mA to 8mA
• Enable the RF source; VCC current may increase a few mA depending on output power
Logic Table
Mode
SDN
CTL
ANT_SEL
TX-ANT1
3.0V
1.8V
0V
TX_ANT2
3.0V
1.8V
3.0V
RX-ANT1
3.0V
0
0V
RX-ANT1
3.0V
0
3.0V
All OFF
0
0
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com