Electronic Components Datasheet Search
  English  ▼

X  

RF6535SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6535SQ
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RF6535SQ Datasheet HTML 1Page - RF Micro Devices RF6535SQ Datasheet HTML 2Page - RF Micro Devices RF6535SQ Datasheet HTML 3Page - RF Micro Devices RF6535SQ Datasheet HTML 4Page - RF Micro Devices RF6535SQ Datasheet HTML 5Page - RF Micro Devices RF6535SQ Datasheet HTML 6Page - RF Micro Devices RF6535SQ Datasheet HTML 7Page - RF Micro Devices RF6535SQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
500
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Input Power to PA
+5
dBm
Maximum Input Power to LNA
+10
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Specifications must be met across supply volt-
age, control voltage, and temperature ranges
unless otherwise noted. Typical conditions: T =
25°C, VCC = 3.3V, CTL = High
Operating Frequency Range
2400
2483
MHz
Operating Voltage (VCC)
3.0
3.3
4.2
V
Operating Voltage (VCC_BIAS)3
3.3
4.2
V
Leakage Current
45
60
uA
VCC = 3.3V, RF = OFF, CTRL, SDN, ANT_SEL =
0V
Transmit Parameters
Frequency
2400
2483
MHz
Input Return Loss
9
Balanced Input Impedance
200
Amplitude Imbalance
-1
1
dB
Phase Imbalance
-15
15
deg
Output Return Loss
10
Gain
24
28
dB
At rated power
Gain Flatness
-0.8
0.8
dB
Rated Output Power
23
dBm
VCC = 3.3V, T = 25°C
22
dBm
VCC greater than or equal to 3.3V; Temperature
less than or equal to 70°C
21
dBm
All conditions
Supply current
240
260
mA
PO = 23dBm 802.15.4OQPSK
Supply current
230
250
mA
PO = 22dBm 802.15.4OQPSK
Supply current
220
240
mA
PO = 21dBm, All conditions
Thermal Resistance
55
°C/W
VCC = 3.6V, POUT = 23dBm, TREF = 85°C
2nd through 5th harmonic level
-45
-42
dBm/MHz
Measured using standard 802.15.4OQPSK
modulation signal
VSWR Stability and load mismatch
susceptibility
4:1
VSWR No damage
8:1
Gain settling time
1
10
uS
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com