Electronic Components Datasheet Search
  English  ▼

X  

RF6535SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6535SQ
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RF6535SQ Datasheet HTML 1Page - RF Micro Devices RF6535SQ Datasheet HTML 2Page - RF Micro Devices RF6535SQ Datasheet HTML 3Page - RF Micro Devices RF6535SQ Datasheet HTML 4Page - RF Micro Devices RF6535SQ Datasheet HTML 5Page - RF Micro Devices RF6535SQ Datasheet HTML 6Page - RF Micro Devices RF6535SQ Datasheet HTML 7Page - RF Micro Devices RF6535SQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
TXP
TXN
RXBN
ANT2
ANT
GND
RXBP
VCC
RXCT
GND
ANT1
16
17
19
20
2
1
4
7
8
9
10
12
13
15
18
5
6
11
3
14
RF6535
3.0V to 4.2V, 2.4GHz Front End Module
The RF6535 integrates a complete solution in a single Front End Module (FEM) for
WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates
the PA plus harmonic filter in the transmit path and an LNA in the receive side. It
also integrates a diversity switch and provides balanced input and output signals
for both the TX and RX paths respectively.
The RF6535 FEM is ideal for ZigBee® systems operating with a minimum output
power of 20dBm and high efficiency requirements. On the receive path, the LNA
provides 11.5dB of typical gain with only 8mA of current and excellent NF down to
3dB. This FEM meets or exceeds the system requirements for WiFi and ZigBee®
applications operating in the 2.4GHz to 2.5GHz band. The device is provided in a
3.5mm x 3.5mm x 0.5mm, 20-pin QFN package.
Features
TX Output Power: 23dBm
TX Gain: 28dB
RX Gain: 11.5dB
RX NF: 3dB
Integrated LNA
Applications
ZigBee® 802.15.4 Based
Systems for Remote
Monitoring and Control
WiFi 802.11b/g
2.4GHz ISM band
applications
Smart Meters for Energy
Management
RF6535SQ
Standard 25 piece bag
RF6535SR
Standard 100 piece reel
RF6535TR13
Standard 2500 piece reel
RF6535PCK-410
Fully assembled evaluation board and 5 loose pieces
DS121107
Package Style: QFN, 20-Pin, 3.5mm x 3.5mm x 0.5mm


Similar Part No. - RF6535SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6539 RFMD-RF6539 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539PCBK-410 RFMD-RF6539PCBK-410 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539SR RFMD-RF6539SR Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539TR7 RFMD-RF6539TR7 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
More results

Similar Description - RF6535SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com