Electronic Components Datasheet Search
  English  ▼

X  

RF6535TR13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6535TR13
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535TR13 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6535TR13 Datasheet HTML 1Page - RF Micro Devices RF6535TR13 Datasheet HTML 2Page - RF Micro Devices RF6535TR13 Datasheet HTML 3Page - RF Micro Devices RF6535TR13 Datasheet HTML 4Page - RF Micro Devices RF6535TR13 Datasheet HTML 5Page - RF Micro Devices RF6535TR13 Datasheet HTML 6Page - RF Micro Devices RF6535TR13 Datasheet HTML 7Page - RF Micro Devices RF6535TR13 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1SDN
Enable/Shutdown pin for entire module. See logic table for operation.
2VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling.
3ANT_SEL
Control pin for Antenna select. See logic table for operation.
4CTL
Enable voltage pin for both PA/Transmit Switch and LNA/Receive Switch. See logic table for operation.
5NC
No connect pin. Must be left floating.
6ANT2
This is the common port (antenna). It is matched to 50
 and DC-block is provided internally.
7GND
Ground.
8ANT1
This is the common port (antenna). It is matched to 50
 and DC-block is provided internally
9GND
Ground.
10
VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
11
NC
No connect pin. Must be left floating.
12
VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
13
VCC_BIAS
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
14
GND
Ground.
15
TXCT
Center tap for pass-thru DC voltage to TXN and TXP pins that connect to the TXVR SOIC.
16
TXN
100
 single ended, 200 differential.
17
TXP
100
 single ended, 200 differential.
18
RXCT
Center tap for pass-thru DC voltage to RXBN and RXBP pins that connect to the TXVR SOIC.
19
RXBN
100
 single ended, 200 differential.
20
RXBP
100
 single ended, 200 differential.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com