Electronic Components Datasheet Search
  English  ▼

X  

RF6535TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6535TR13
Description  3.0V to 4.2V, 2.4GHz Front End Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535TR13 Datasheet(HTML) 7 Page - RF Micro Devices

  RF6535TR13 Datasheet HTML 1Page - RF Micro Devices RF6535TR13 Datasheet HTML 2Page - RF Micro Devices RF6535TR13 Datasheet HTML 3Page - RF Micro Devices RF6535TR13 Datasheet HTML 4Page - RF Micro Devices RF6535TR13 Datasheet HTML 5Page - RF Micro Devices RF6535TR13 Datasheet HTML 6Page - RF Micro Devices RF6535TR13 Datasheet HTML 7Page - RF Micro Devices RF6535TR13 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1
2
3
4
CTL
U1
RF6535
100
 strip
J1
TX
100
 strip
C1
0.1
F
L2
3.6nH
C2
0.9pF
50
 strip
J4
ANT2
50
 strip
SDN
5
VCC
L1
3.0nH
ANT_SEL
L4
3.6nH
L3
1.3nH
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
L7
3.6nH
C3
0.9pF
50
 strip
J3
ANT1
L5
3.6nH
L6
1.3nH
L8
1.8nH
C4
1.0
F
VCC
L9
4.3nH
C6
0.1
F
C5
0.1
F
CT
4
5
6
3
2
1
100
 strip
100
 strip
50
 strip
1
2
3
6
5
4
J2
RX
CT
BALUN
2450MHz
50
 - 200
BALUN
2450MHz
50
 - 200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com