Electronic Components Datasheet Search
  English  ▼

X  

RF6545SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6545SQ
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6545SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RF6545SQ Datasheet HTML 1Page - RF Micro Devices RF6545SQ Datasheet HTML 2Page - RF Micro Devices RF6545SQ Datasheet HTML 3Page - RF Micro Devices RF6545SQ Datasheet HTML 4Page - RF Micro Devices RF6545SQ Datasheet HTML 5Page - RF Micro Devices RF6545SQ Datasheet HTML 6Page - RF Micro Devices RF6545SQ Datasheet HTML 7Page - RF Micro Devices RF6545SQ Datasheet HTML 8Page - RF Micro Devices RF6545SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF6545
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.0
V
DC Supply Current
300
mA
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
1000
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Input Power to PA
+10
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Specifications must be met across supply volt-
age, control voltage, and temperature ranges
unless otherwise specified.
VBATT
3.0
3.3
3.6
VDC
Operating Temperature Range
-40
+25
+85
°C
ZO
50
Off Mode Current
1
A
All logic low; VLOW0.1V
TX Path
Frequency
2400
2483
MHz
Input Return Loss
12
dB
Output Return Loss
10
dB
Transmit Path Gain
25
28
dB
Gain Flatness
-0.8
+0.8
dB
Rated Output Power
22
dBm
Nominal conditions
20
dBm
Supply Current
200
mA
PO=22dBm 802.15.4 OQPSK
170
mA
PO=20dBm 802.15.4 OQPSK
Thermal Resistance
66
°C/W
VCC = 3.6V, POUT = 22dBm, TREF = 85°C
2nd harmonic level
-42
dBm/MHz
PO=20dBm
3rd harmonic level
-42
dBm/MHz
PO=20dBm; VCC3.3V
VSWR Stability and Load
4:1
VSWR No Damage
8:1
Gain Settling Time
1
2
uS
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com