Electronic Components Datasheet Search
  English  ▼

X  

RF6545SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6545SQ
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6545SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RF6545SQ Datasheet HTML 1Page - RF Micro Devices RF6545SQ Datasheet HTML 2Page - RF Micro Devices RF6545SQ Datasheet HTML 3Page - RF Micro Devices RF6545SQ Datasheet HTML 4Page - RF Micro Devices RF6545SQ Datasheet HTML 5Page - RF Micro Devices RF6545SQ Datasheet HTML 6Page - RF Micro Devices RF6545SQ Datasheet HTML 7Page - RF Micro Devices RF6545SQ Datasheet HTML 8Page - RF Micro Devices RF6545SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RF_COM
GND
ANT2
ANT
GND
TX_EN
VB
GND
GND
ANT1
16
17
19
20
2
1
4
7
8
9
10
12
13
15
18
5
6
11
3
14
GND
RF6545
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
The RF6545 integrates a complete solution in a single Front End Module (FEM) for
WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates
the PA plus harmonic filter in the transmit path. It provides a single balanced TDD
access for Rx and Tx paths along with two ports on the output for connecting a
diversity solution or a test port. The device is provided in a 3.5mm x 3.5mm x
0.5mm, 20 pin QFN package.
Features
Tx Output Power=22dBm
Integrated RF Front End
Module with TX/RX switch,
PA, filter, and DP2T switch.
50
 single-ended
bidirectional Transceiver
interface.
Applications
ZigBee® 802.15.4 Based
Systems for Remote
Monitoring and Control
WiFi 802.11b/g
2.4GHz ISM band
applications
Smart Meters for Energy
Management
RF6545SQ
Standard 25 piece bag
RF6545SR
Standard 100 piece reel
RF6545TR7
Standard 750 piece reel
RF6545TR13
Standard 2500 piece reel
RF6545PCK-410
Fully assembled evaluation board and 5 loose pieces
DS111110
Package Style: QFN, 20-Pin, 3.5mmx3.5mmx0.5mm


Similar Part No. - RF6545SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6549 RFMD-RF6549 Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
Qorvo, Inc
RF6549 QORVO-RF6549 Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
RF Micro Devices
RF6549PCK-410 RFMD-RF6549PCK-410 Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
Qorvo, Inc
RF6549PCK-410 QORVO-RF6549PCK-410 Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
RF Micro Devices
RF6549SB RFMD-RF6549SB Datasheet
929Kb / 10P
2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
More results

Similar Description - RF6545SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com