Electronic Components Datasheet Search
  English  ▼

X  

RF6549SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6549SB
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF6549SB Datasheet HTML 1Page - RF Micro Devices RF6549SB Datasheet HTML 2Page - RF Micro Devices RF6549SB Datasheet HTML 3Page - RF Micro Devices RF6549SB Datasheet HTML 4Page - RF Micro Devices RF6549SB Datasheet HTML 5Page - RF Micro Devices RF6549SB Datasheet HTML 6Page - RF Micro Devices RF6549SB Datasheet HTML 7Page - RF Micro Devices RF6549SB Datasheet HTML 8Page - RF Micro Devices RF6549SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Antenna Switch Section
Insertion Loss TX-ANT1
1
1.2
dB
TXRX_SEL Logic = LOW , ANT_SEL Logic = HIGH
Insertion Loss TX-ANT2
1
1.2
dB
TXRX_SEL Logic = LOW , ANT_SEL Logic = LOW
Insertion Loss ANT1 - ASWRX
1
1.2
dB
TXRX_SEL Logic = HIGH , ANT_SEL Logic = HIGH
Insertion Loss ANT2 - ASWRX
1
1.2
dB
TXRX_SEL Logic = HIGH , ANT_SEL Logic = LOW
Insertion Loss RFIO 450
1
1.2
dB
RFIO 450 pin 4 to Ant1/2 at 450MHz
Insertion Loss RFIO 450
1.5
1.8
dB
RFIO 450 pin 4 to Ant1/2 at 915MHz
Isolation
20
dB
Any used port to any unused port
Tx Return Loss
10
15
dB
TXRX_SEL Logic = LOW , ANT_SEL Logic = HIGH
ANT1 Port Return Loss (Tx Mode)
8
12
dB
Measured at Pin #21, TXRX_SEL = LOW,
ANT_SEL = HIGH
ANT2 Port Return Loss (Tx Mode)
8
12
dB
Measured at Pin #19, TXRX_SEL = LOW,
ANT_SEL = LOW
ASWRX Port Return Loss
10
15
dB
Measured at Pin #16, TXRX_SEL = HIGH,
ANT1/ANT2 State
ANT1 Port Return Loss (Rx Mode)
10
15
dB
Measured at Pin #21, TXRX_SEL = HIGH,
ANT_SEL = HIGH
ANT2 Port Return Loss (Rx Mode)
10
15
dB
Measured at Pin #19, TXRX_SEL = HIGH,
ANT_SEL = LOW
Logic Circuit and Power Supply
Section
VCC_DIG
2.7
4.2
4.4
V
Digital Supply Voltage. Always on
VCC_DIG Supply Current -Rx Mode
0.75
3
mA
In Any Module Rx Mode
VCC_DIG Supply Current -Tx Mode
3
6
mA
In Any Module Tx Mode
VCC_DIG Power Down Current
5
10
A
All 5 Logic Inputs = LOW
Select Control Logic = HIGH
VDIG 0.2
VDIG
V
All Five (5) Logic I/O's. VDig – 0.2V
Select Control Logic = LOW
0.0
0.3
V
All Five (5) Logic I/O's
Select Control Logic High Current
5
10
A
All Five (5) Logic I/O's
Select Control Logic Low Current
0.1
2
A
All Five (5) Logic I/O's (sink Current)
Logic Table
Operating Mode
CTL1
CTL2
CTL3
CTL4
CTL5
Tx 900 - ANT1
High
Low
Low
High
Low
Tx 900 - ANT2
Low
Low
Low
High
Low
Rx 900 ANT1 Hi gain
High
High
High
High
Low
Rx 900 ANT2 Hi Gain
Low
High
High
High
Low
Rx 900 ANT1 LNA Bypass Mode
High
High
Low
High
Low
Rx 900 ANT2 LNA Bypass Mode
Low
High
Low
High
Low
TX/RX 450 ANT1
High
High
Low
High
High
TX/RX 450 ANT2
Low
High
Low
High
High
Power Down
Low
Low
Low
Low
Low
All logic states other than defined in the above table are “undefined” and not recommended,
Operation in the undefined states shall not result in permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com