Electronic Components Datasheet Search
  English  ▼

X  

RF6549SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6549SB
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549SB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF6549SB Datasheet HTML 2Page - RF Micro Devices RF6549SB Datasheet HTML 3Page - RF Micro Devices RF6549SB Datasheet HTML 4Page - RF Micro Devices RF6549SB Datasheet HTML 5Page - RF Micro Devices RF6549SB Datasheet HTML 6Page - RF Micro Devices RF6549SB Datasheet HTML 7Page - RF Micro Devices RF6549SB Datasheet HTML 8Page - RF Micro Devices RF6549SB Datasheet HTML 9Page - RF Micro Devices RF6549SB Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Name
Description
1GND
Ground I/O
2900 RFIO
Input Switch Common Port
3GND
Ground I/O
4450 RFIO
Thru Path I/O
5GND
Ground I/O Antenna 1 & Antenna 2 Select
6CTL1
ANT Select
7CLT2
TxRx Select
8CTL3
LNA Select
9CTL4
PD Select
10
CTL5
Thru Select
11
VDIG
Digital Vcc
12
LNA_VCC
LNA Vcc
13
LNA_BIAS
LNA linearity bias
14
LNA_IN
LNA Signal Input
15
GND
Ground I/O
16
ASW_RX
Antenna Switch Receive Output
17
GND
Ground I/O
18
GND
Ground I/O
19
ANT2
Antenna 2 Output/Input
20
GND
Ground I/O
21
ANT1
Antenna 1 Output/Input
22
GND
Ground I/O
23
PA VCC2
PA Battery Bias for Second Stage
24
PA VCC1
PA Battery Bias for First Stage
25
GND
Ground I/O
26
PA2_IN
Power Amplifier 2nd Stage Signal Input Port
27
GND
Ground I/O
28
PA1_OUT
Power Amplifier 1st Stage Signal Output Port
29
GND
Ground I/O
30
PA1_IN
Power Amplifier 1st Stage Signal Input Port
31
GND
Ground I/O
32
SW2_OUT
Input switch Tx Out



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com