Electronic Components Datasheet Search
  English  ▼

X  

RF6559 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6559
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF6559 Datasheet HTML 2Page - RF Micro Devices RF6559 Datasheet HTML 3Page - RF Micro Devices RF6559 Datasheet HTML 4Page - RF Micro Devices RF6559 Datasheet HTML 5Page - RF Micro Devices RF6559 Datasheet HTML 6Page - RF Micro Devices RF6559 Datasheet HTML 7Page - RF Micro Devices RF6559 Datasheet HTML 8Page - RF Micro Devices RF6559 Datasheet HTML 9Page - RF Micro Devices RF6559 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1
2
3
4
9
12
11
10
17
16
15
18
23
24
25
26
J3
ANT
PDET
J2
RF IN
P1
1
2
3
4
HDR_1X4
PA_VCC2
P2
1
2
3
4
5
6
7
8
HDR_1X8
TX_EN
RX_EN
TXC
RXC
5
6
7
8
13
14
19
20
21
22
27
28
C2
1.0 uF
C1
4.7 uF
DA_VCC1
PA_VCC2
C3
1.0 uF
C4
4.7 uF
RX_VCC4
C12
1.0 uF
C11
4.7 uF
RX1_VCC3
C13
1.0 uF
C14
4.7 uF
DA_VCC1
PDET
VCC_DIG
RX2_VCC4
RX1_VCC3
C15
1.0 uF
C6
1.0 uF
C10
1.0 uF
TX_EN
RX_EN
C5
1.0 uF
TXC
RXC
C7
1.0 uF
VCC_DIG
C9
1.0 uF
C8
4.7 uF
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com