Electronic Components Datasheet Search
  English  ▼

X  

RF6559 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6559
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6559 Datasheet HTML 1Page - RF Micro Devices RF6559 Datasheet HTML 2Page - RF Micro Devices RF6559 Datasheet HTML 3Page - RF Micro Devices RF6559 Datasheet HTML 4Page - RF Micro Devices RF6559 Datasheet HTML 5Page - RF Micro Devices RF6559 Datasheet HTML 6Page - RF Micro Devices RF6559 Datasheet HTML 7Page - RF Micro Devices RF6559 Datasheet HTML 8Page - RF Micro Devices RF6559 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
RXC
GND
RFI/O
GND
GND
PDET
26
18
19
20
21
23
24
25
ANT
VCCD
GND
TXEN
RXEN
GND
GND
GND
22
GND
TXC
15dB
15dB
30dB
15dB
RF6559
4.0V TO 4.5V, 915MHZ ISM BAND
TRANSMIT/RECEIVE MODULE
The RF6559 front end module is intended for use in 915MHz AMR solutions. The
RF6559 addresses the need for aggressive size reduction for a typical 915MHz
AMR front end design and greatly reduces the number of components outside the
RF6559 thus minimizing the footprint and assembly cost of the overall solution.
The RF6559 contains an integrated three stage power amplifier which provides
42dB of Gain and typical Power output of 28dBm. The RF6559 allows for Tx/Rx on
a single antenna via the 2 integrated SPDT switches. Tx filtering, built in power
detector and a two stage LNA which provides a typical 32dB of gain round out the
inside of this module. All the functionality ofthe RF6559 is packaged in a 28-pin,
6mm x 6mm laminate package with backside ground. Greatly minimizes next level
board space and allows for simplified integration.
Features
Tx Output Power: 28dBm
Tx Gain: 42dB
Integrated Single Port Rx/Tx 50
Bi-directional Transceiver
Interface
LNA with Bypass Mode
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
868MHz/915MHz ISM Band
Applications
Single Chip RF Front End Module
DS120611
Package: LGA, 28-pin, 6mm x 6mm
RF65594.0V
to 4.5V,
915MHz ISM
BAND TRANS-
MIT/RECEIVE
MODULE
RF6559
ISM Band Transmit/Receive Module
RF6559SB
5-Piece Bag
RF6559SR
Standard 100-Piece Reel
RF6559TR13
Standard 2500-Piece reel
RF6559PCK-410
Fully Assembled Evaluation Board and 5-Piece Bag


Similar Part No. - RF6559

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6559PCK-410 QORVO-RF6559PCK-410 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6559SB QORVO-RF6559SB Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6559SR QORVO-RF6559SR Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6559TR13 QORVO-RF6559TR13 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results

Similar Description - RF6559

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com