Electronic Components Datasheet Search
  English  ▼

X  

RF6555SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6555SR
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555SR Datasheet(HTML) 3 Page - RF Micro Devices

  RF6555SR Datasheet HTML 1Page - RF Micro Devices RF6555SR Datasheet HTML 2Page - RF Micro Devices RF6555SR Datasheet HTML 3Page - RF Micro Devices RF6555SR Datasheet HTML 4Page - RF Micro Devices RF6555SR Datasheet HTML 5Page - RF Micro Devices RF6555SR Datasheet HTML 6Page - RF Micro Devices RF6555SR Datasheet HTML 7Page - RF Micro Devices RF6555SR Datasheet HTML 8Page - RF Micro Devices RF6555SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 10
RF6555
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
50
mA
PO =14dBm 802.15.4 OQPSK (VB=2.0, All Temp)
Thermal Resistance
78
oC/W
VCC = 3.0V, POUT = 18dBm, TREF = 85
oC
Harmonics 2f0 to 5f0
-45
-42
dBm/MHz
At 18dBm, VCC = 3.0V to 3.6V
VSWR Stability and Load
4:1
VSWR No Damage
8:1
Gain Settling Time
1
10
µS
Rx Path
Frequency
2405
2480
MHz
Gain
8.5
11
13
dB
Noise Figure
3
dB
Temp = 25°C; over voltage and frequency
Current
8
12
mA
Nominal conditions
IIP3
7
dBm
Gain Flatness
-0.5
+0.5
dB
Input Return Loss
10
15
dB
Output Return Loss
10
dB
Pins 5, 6 (RFM, RFP) 100Ω differential
Amplitude Imbalance
-1
+1
dB
Phase Imbalance
-15
+15
dB
Maximum Input Power
5
dBm
Bypass Mode
Frequency
2405
2480
MHz
Insertion Loss/Noise Figure
5
6.5
dB
SW1dB, Bypass 2.5dB, Balun 1.5dB
Current
50
µA
IIP3
23
dBm
Gain Flatness
-0.5
0.5
dB
Input Return Loss
10
12
dB
Output Return Loss
10
dB
Pins 5, 6 (RFM, RFP) 100Ω differential
Amplitude Imbalance
-1
+1
dB
Phase Imbalance
-15
+15
dB
Maximum Input Power
10
dBm
Logic
Logic Level “HIGH” Input Voltage
VBATT -0.2
VBATT
V
Logic Level “LOW” Input Voltage
0.0
0.2
V
Input Source Current at Logic “HIGH”
5
10
µA
Switch Leakage Current at Logic “LOW”
1
µA
Antenna Switch
RF to Control Isolation
50
dB
ANT1 to ANT2 Isolation
20
dB
T/R Switching Time
1
µS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com