Electronic Components Datasheet Search
  English  ▼

X  

RF6555SR Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6555SR
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555SR Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF6555SR Datasheet HTML 2Page - RF Micro Devices RF6555SR Datasheet HTML 3Page - RF Micro Devices RF6555SR Datasheet HTML 4Page - RF Micro Devices RF6555SR Datasheet HTML 5Page - RF Micro Devices RF6555SR Datasheet HTML 6Page - RF Micro Devices RF6555SR Datasheet HTML 7Page - RF Micro Devices RF6555SR Datasheet HTML 8Page - RF Micro Devices RF6555SR Datasheet HTML 9Page - RF Micro Devices RF6555SR Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
8 of 10
RF6555
RFMD + TriQuint = Qorvo
PCB Patterns
Thermal vias for center slug “D” should be incorporated into the PCB design. The number and size of thermal vias will depend
on the application, power dissipation and electrical requirements. Example of the number and size of vias can be found on the
RFMD evaluation board layout (gerber files are available upon request).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com