Electronic Components Datasheet Search
  English  ▼

X  

RF6569 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6569
Description  3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6569 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6569 Datasheet HTML 1Page - RF Micro Devices RF6569 Datasheet HTML 2Page - RF Micro Devices RF6569 Datasheet HTML 3Page - RF Micro Devices RF6569 Datasheet HTML 4Page - RF Micro Devices RF6569 Datasheet HTML 5Page - RF Micro Devices RF6569 Datasheet HTML 6Page - RF Micro Devices RF6569 Datasheet HTML 7Page - RF Micro Devices RF6569 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF6569
DS120807
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground
2NC
3GND
Ground
4ANT
Antenna Connect Port
5GND
Ground
6GND
Ground
7GND
Ground
8GND
Ground
9
C_TX
Transmit Selection Control Line
10
NC
11
C_RX
Receive Selection Control Line
12
GND
Ground
13
VREG
Power Amplifier Bias Control. VCC to 0.2V = ON, 0V = OFF
14
VCC
Power Amplifier Supply Voltage
15
GND
Ground
16
GND
Ground
17
GND
Ground
18
TX
Transmit Port
19
GND
Ground
20
RFn
Receive Port neg
21
RXp
Receive Port pos
22
GND
Ground
23
BAL_IN
Input to Balun
24
GND
Ground
25
ASW_RX
Antenna Switched Rx Output
26
GND
Ground
27
GND
Ground
28
GND
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com