Electronic Components Datasheet Search
  English  ▼

X  

RF6569 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6569
Description  3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6569 Datasheet(HTML) 7 Page - RF Micro Devices

  RF6569 Datasheet HTML 1Page - RF Micro Devices RF6569 Datasheet HTML 2Page - RF Micro Devices RF6569 Datasheet HTML 3Page - RF Micro Devices RF6569 Datasheet HTML 4Page - RF Micro Devices RF6569 Datasheet HTML 5Page - RF Micro Devices RF6569 Datasheet HTML 6Page - RF Micro Devices RF6569 Datasheet HTML 7Page - RF Micro Devices RF6569 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RF6569
DS120807
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
0
5
10
15
20
25
0
5
10
15
20
25
30
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
V
CC = 3.6V, VREG = 3.4V, C_TX = 3.4V, CRX = 0.2V
Freq = 915MHz, Temp = 30C°, 25C°, and 70C°
40°C
25°C
85°C
0
5
10
15
20
25
0
5
10
15
20
25
30
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
V
CC =3.6V, VREG = 3.4V, C_TX = 3.4V, CRX = 0.2V
Freq = 902MHz, 915MHz, and 928MHz, Temp= 25C°
902MH
915MH
928MH
15
15.2
15.4
15.6
15.8
16
16.2
16.4
16.6
16.8
900
905
910
915
920
925
930
Frequency (MHz)
Tx Gain (dB) versus Frequency (MHz)
V
CC = 3.6V, VREG = 3.4V, CTX = 3.4V, CRX = 0.2V
P
OUT = 30dBm
40°C
25°C
85°C
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
P
O (dBm)
Operating Current (mA) versus Output Power (dBm)
V
CC = 3.6V, VREG = 3.4V, CTX = 3.4V, CRX = 0.2V
Freq = 915MHz, Temp = 30C°, 25C°, and 70C°
40°C
25°C
85°C
0
5
10
15
20
25
30
35
20
15
10
5
0
5
101520
P
IN (dBm)
P
OUT (dBm) versus PIN (dBm)
V
CC =3.6V, VREG = 3.4V, CTX = 3.4V, CRX = 0.2V
Freq = 915MHz, Temp=30C°, 25C°, and 70C°
40°C
25°C
85°C
0
5
10
15
20
25
30
35
20
15
10
5
0
5
10
15
20
P
IN (dBm)
P
IN (dBm) versus POUT (dBm)
V
CC = 3.6V, VREG = 3.4V, CTX = 3.4V, CRX = 0.2V
Freq = 902MHz, 915MHz, and 928MHz, Temp = 25C°
902MHz
915MHz
928MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com