Electronic Components Datasheet Search
  English  ▼

X  

RF6575 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6575
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6575 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6575 Datasheet HTML 1Page - RF Micro Devices RF6575 Datasheet HTML 2Page - RF Micro Devices RF6575 Datasheet HTML 3Page - RF Micro Devices RF6575 Datasheet HTML 4Page - RF Micro Devices RF6575 Datasheet HTML 5Page - RF Micro Devices RF6575 Datasheet HTML 6Page - RF Micro Devices RF6575 Datasheet HTML 7Page - RF Micro Devices RF6575 Datasheet HTML 8Page - RF Micro Devices RF6575 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF6575
DS111216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RX Path
Frequency
2400
2483
MHz
Gain
10
13
15.5
dB
Noise Figure
2.5
3
dB
Current
8
mA
IIP3
7
dBm
Gain Flatness
-0.5
+0.5
dB
Input Return Loss
12
15
dB
Output Return Loss
9.5
dB
Maximum Input Power
5
dBm
Antenna Switch
RF-to-Control Isolation
50
dB
RF-to-ANT Isolation
17
20
dB
RF-to-RF Isolation
18
20
dB
T/R Switching Time
1
s
Logic Level “HIGH” Input Voltage
VCC-0.3
=VCC
V
Logic Level “LOW” Input Voltage
0.0
+0.2
V
Input Source Current at Logic
“HIGH”
510
uA
Switch Leakage Current at Logic
“LOW”
0.5
uA
Switch Control Logic
TX_EN
RX_EN
ANT1_EN
ANT2_EN
Tx, Antenna 1
High
Low
High
Low
Tx, Antenna 2
High
Low
Low
High
Rx, Antenna 1
Low
High
High
Low
Rx, Antenna 2
Low
High
Low
High
All Off
Low
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com