Electronic Components Datasheet Search
  English  ▼

X  

RF6575 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6575
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6575 Datasheet(HTML) 6 Page - RF Micro Devices

  RF6575 Datasheet HTML 1Page - RF Micro Devices RF6575 Datasheet HTML 2Page - RF Micro Devices RF6575 Datasheet HTML 3Page - RF Micro Devices RF6575 Datasheet HTML 4Page - RF Micro Devices RF6575 Datasheet HTML 5Page - RF Micro Devices RF6575 Datasheet HTML 6Page - RF Micro Devices RF6575 Datasheet HTML 7Page - RF Micro Devices RF6575 Datasheet HTML 8Page - RF Micro Devices RF6575 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RF6575
DS111216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
U1
RF6575
1
2
3
4
5
15
14
13
12
11
16
17
18
19
20
10
9
8
7
6
ANT1_EN
ANT2_EN
TX_EN
VCC
J2
ANT1
J1
RF Com
RF Com ~ 50
 strip
J3
ANT2
ANT2 ~ 50
 strip
C5
1pF Hi-Q
(0201)
L5
2.7nH Hi-Q

C4
1pF Hi-Q
(0201)
L4
2.7nH Hi-Q
(0201)
L3
1.8nH
(0402)
ANT1 ~ 50
 strip
C3
1.0
F
(0402)
L2
3.0nH
(0402)
RX_EN
C2
0.1
F
(0201)
C1
0.1
F
(0201)
VCC
L1
3.0nH
(0402)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com