Electronic Components Datasheet Search
  English  ▼

X  

RF7234 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF7234
Description  3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7234 Datasheet(HTML) 5 Page - RF Micro Devices

  RF7234 Datasheet HTML 1Page - RF Micro Devices RF7234 Datasheet HTML 2Page - RF Micro Devices RF7234 Datasheet HTML 3Page - RF Micro Devices RF7234 Datasheet HTML 4Page - RF Micro Devices RF7234 Datasheet HTML 5Page - RF Micro Devices RF7234 Datasheet HTML 6Page - RF Micro Devices RF7234 Datasheet HTML 7Page - RF Micro Devices RF7234 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF7234
DS100427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1VBAT
Supply voltage for bias circuitry and the first stage amplifier.
2RF IN
RF input internally matched to 50
 and DC blocked.
3VMODE1
Digital control input for power mode selection (see Operating Modes truth table).
4VMODE0
Digital control input for power mode selection (see Operating Modes truth table).
5VEN
Digital control input for PA enable and disable (see Operating Modes truth table).
6CPL_OUT
Coupler output.
7GND
This pin must be grounded.
8CPL_IN
Coupler input used for cascading couplers in series. Terminate this pin with a 50
 resistor if not connected to
another coupler.
9RF OUT
RF output internally matched to 50
and DC blocked.
10
VCC
Supply voltage for the second stage amplifier which can be connected to battery supply or output of DC-DC con-
verter.
Pkg
Base
GND
Ground connection. The package backside should be soldered to a topside ground pad connecting to the PCB
ground plane with multiple ground vias. The pad should have a low thermal resistance and low electrical imped-
ance to the ground plane.
VEN
VMODE0 VMODE1 VBAT
VCC
Conditions/Comments
Low
Low
Low
3.4V to 3.8V
3.4V to 3.8V
Power down mode
Low
X
X
3.4V to 3.8V
3.4V to 3.8V
Standby Mode
High
Low
Low
3.4V to 3.8V
3.4V to 3.8V
High power mode
High
High
Low
3.4V to 3.8V
3.4V to 3.8V
Medium power mode
High
High
High
3.4V to 3.8V
3.4V to 3.8V
Low power mode
High
High
High
3.4V to 3.8V
0.5V
Optional lower VCC in low power mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com