Electronic Components Datasheet Search
  English  ▼

X  

RF7234 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7234
Description  3V TD-SCDMA/W-CDMA LINEAR PA MODULE BAND 1 AND 1880MHz TO 2025MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7234 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7234 Datasheet HTML 1Page - RF Micro Devices RF7234 Datasheet HTML 2Page - RF Micro Devices RF7234 Datasheet HTML 3Page - RF Micro Devices RF7234 Datasheet HTML 4Page - RF Micro Devices RF7234 Datasheet HTML 5Page - RF Micro Devices RF7234 Datasheet HTML 6Page - RF Micro Devices RF7234 Datasheet HTML 7Page - RF Micro Devices RF7234 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
VBAT
Bias Control &
PA/VMODE Enable
RF OUT
RF IN
VMODE1
VEN
VMODE0
VCC
CPL IN
CPL OUT
GND
5
4
1
2
3
6
7
10
9
8
RF7234
3V TD-SCDMA/W-CDMA LINEAR PA MODULE
BAND 1 AND 1880MHz TO 2025MHz
The RF7234 is a high-power, high-efficiency, linear power amplifier
designed for use as the final RF amplifier in 3V, 50
 TD-SCDMA mobile
cellular equipment and spread-spectrum systems. This PA is developed for
TD-SCDMA 1880MHz to 1920MHz and 2010MHz to 2025MHz frequency
band, plus W-CDMA Band 1. The RF7234 has two digital control pins to
select one of three power modes to optimize performance and current
drain at lower power levels. The part also has an integrated directional
coupler which eliminates the need for an external discrete coupler at the
output. The RF7234 is fully TD-SCDMA/W-CDMA/HSDPA-compliant and is
assembled in a 10-pin, 3mmx3mm module.
Features
TD-SCDMA and HSDPA Com-
pliant
Low Voltage Positive Bias
Supply (3.4V to 4.2V)
+28dBm Linear Output
Power W-CDMA
(+26.5dBm HSDPA)
+27.5dBm Output Power
TD-SCDMA
High Efficiency Operation
35% at POUT=+27.5dBm
(TD-SCDMA)
20% at POUT=+19.0dBm
(Without DC/DC Converter)
Low Quiescent Current in Low
Power Mode: 17mA
Internal Voltage Regulator
Eliminates the Need for Exter-
nal Reference Voltage (VREF)
3-Mode Power States with
Digital Control Interface
Supports DC/DC Converter
Operation
Integrated Power Coupler
Integrated Blocking and Col-
lector Decoupling Capacitors
Applications
TD-SCDMA/HSDPA/W-CDMA
Wireless Handsets and Data
Cards
Dual-Mode UMTS Wireless
Handsets
RF7234
3V TD-SCDMA/W-CDMA Linear PA Module Band 1 and
1880MHz to 2025MHz
RF7234PCBA-410
Fully Assembled Evaluation Board
DS100427
Package Style: Module, 10-Pin, 3mmx3mmx1.0mm


Similar Part No. - RF7234

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7206 RFMD-RF7206 Datasheet
576Kb / 8P
3 V W-CDMA BAND 2 LINEAR PA MODULE
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7222PCBA-410 RFMD-RF7222PCBA-410 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7225PCBA-410 RFMD-RF7225PCBA-410 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
More results

Similar Description - RF7234

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
3V W-CDMA BAND 8 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7401 RFMD-RF7401 Datasheet
531Kb / 8P
3 V W-CDMA BAND 1 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com