Electronic Components Datasheet Search
  English  ▼

X  

RFCM2680 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFCM2680
Description  45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM2680 Datasheet(HTML) 4 Page - RF Micro Devices

  RFCM2680 Datasheet HTML 1Page - RF Micro Devices RFCM2680 Datasheet HTML 2Page - RF Micro Devices RFCM2680 Datasheet HTML 3Page - RF Micro Devices RFCM2680 Datasheet HTML 4Page - RF Micro Devices RFCM2680 Datasheet HTML 5Page - RF Micro Devices RFCM2680 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RFCM2680
DS120518
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Circuit
Evaluation Board Layout
Note:
The ground plane of the RFCM2680 module should be soldered onto a board equipped with as many thermal vias as possible.
Underneath this thermal via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete
module DC power (up to 10.4W). In any case the module backside temperature should not exceed 100°C.
C8
4.7nF
C3
4.7nF
R5
470
R6
470
C6
4.7nF
C5
1.2pF
C4
1.2pF
R2
3.9k
R3
1.5k
R4
10
C2
4.7nF
C10
0.5pF
D2
MM3Z5V6T1
R1
10k
D1
TGL34-33A
C1
220pF
C7
4.7nF
U1
RFCM2680
1
2
3
4
9
8
7
6
5
FB1
Bead 60
T3
RFXF0009
T1
RFXF0006
T2
RFXF0008
V+
GND
RF IN
RF OUT
R7
DNI
R8
DNI
R9
DNI
C9
DNI
C12
DNI
R10
DNI
R11
DNI
R12
DNI
C11
0.5pF
C14
DNI
C13
DNI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com