Electronic Components Datasheet Search
  English  ▼

X  

RFCM3050 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFCM3050
Description  40-1003MHZ GAAS/GAN POWER DOUBLER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3050 Datasheet(HTML) 1 Page - RF Micro Devices

  RFCM3050 Datasheet HTML 1Page - RF Micro Devices RFCM3050 Datasheet HTML 2Page - RF Micro Devices RFCM3050 Datasheet HTML 3Page - RF Micro Devices RFCM3050 Datasheet HTML 4Page - RF Micro Devices RFCM3050 Datasheet HTML 5Page - RF Micro Devices RFCM3050 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RFCM3050
40-1003MHZ GAAS/GAN
POWER DOUBLER MODULE
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC< BLETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the properly of their respective owners. ©2009, RF Micro Devices, Inc.
DS130621
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
1 of 6
RFCM3050
Package: 9 pin, 11.0 mm x 8.5 mm x 1.375mm
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all
Terminations
High Output Capability
24.5dB Min. Gain at 1003MHz
440mA Max. at 24VDC
Applications
40MHz to 1003MHz CATV Amplifier
Systems
Functional Block Diagram
Product Description
The RFCM3050 is a Power Doubler amplifier SMD module. The part employs GaAs MESFET,
GaAs pHemt and GaN Hemt die, has high output capability, and is operated from 40MHz to
1003MHz. It provides excellent linearity and superior return loss performance with low noise
and optimal reliability. DC current of the device can be externally adjusted for optimum
distortion performance vs. power consumption over a wide range of output level.
DC current of the device can be externally adjusted for optimum distortion performance
versus power consumption over a wide range of output level.
Ordering Information
RFCM3050SB
Sample Bag 5 pieces
RFCM3050SQ
Sample Bag 25 pieces
RFCM3050SR
7” Reel with 100 pieces
RFCM3050TR7
7” Reel with 500 pieces
RFCM3050TR13
13” Reel with 1000 pieces
RFCM3050PCBA-410
Fully Assembled Evaluation Board
RFCM3050PCK-410
Fully Assembled Evaluation Board with Sample Pack
Optimum Technology Matching® Applied
GaAs HBT
SiGe BiCMOS
GaAs pHEMT
GaN HEMT
GaAs MESFET
Si BiCMOS
Si CMOS
RF MEMS
InGaP HBT
SiGe HBT
Si BJT
LDMOS


Similar Part No. - RFCM3050

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3080 RFMD-RFCM3080 Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM3080PCBA-410 RFMD-RFCM3080PCBA-410 Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM3080PCK-410 RFMD-RFCM3080PCK-410 Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM3080SB RFMD-RFCM3080SB Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM3080SQ RFMD-RFCM3080SQ Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
More results

Similar Description - RFCM3050

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM2680 RFMD-RFCM2680 Datasheet
427Kb / 6P
45MHz TO 1003MHz GaAs/GaN POWER DOUBLER MODULE
RFCM3080 RFMD-RFCM3080 Datasheet
709Kb / 6P
40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2940 RFMD-RFPD2940 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com