Electronic Components Datasheet Search
  English  ▼

X  

RFCM3326 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFCM3326
Description  45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3326 Datasheet(HTML) 4 Page - RF Micro Devices

  RFCM3326 Datasheet HTML 1Page - RF Micro Devices RFCM3326 Datasheet HTML 2Page - RF Micro Devices RFCM3326 Datasheet HTML 3Page - RF Micro Devices RFCM3326 Datasheet HTML 4Page - RF Micro Devices RFCM3326 Datasheet HTML 5Page - RF Micro Devices RFCM3326 Datasheet HTML 6Page - RF Micro Devices RFCM3326 Datasheet HTML 7Page - RF Micro Devices RFCM3326 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 8
RFCM3326
RFCM3326 Current Adjustment
The RFCM3326 can be operated over a wide range of current to provide maximum required performance with
minimum current consumption. Changing the value of resistor R3 on application circuit allows a variation of the current
between 430mA and 330mA (typ.). Within the recommended range of current between 430mA and 370mA gain (S21)
change is less than 0.2dB and noise figure change is less than 0.1dB.
Current versus Resistor R3 (typical values)
Device Current versus Distortion Degradation (typical values)
Test condition:
V+= 24V; TMB=30°C; ZS=ZL
=75Ω; V
O=61dBmV at 1000MHz, 18dB extrapolated tilt,
79 analog channels plus 75 digital channels (-6dB offset)
320
340
360
380
400
420
440
1050
1100
1150
1200
1250
1300
1350
1400
1450
1500
I [mA]
R3 [
Ω]
320
340
360
380
400
420
440
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
I [mA]
CTB and CIN degradation [dB]
CTB
CIN
Device Current [mA],
typical
R3 [
Ω]
V+= 24V; TMB=30°C;
ZS=ZL
=75Ω
430
1500
410
1400
390
1300
370
1240
350
1150
330
1050



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com