Electronic Components Datasheet Search
  English  ▼

X  

RFCM3326 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFCM3326
Description  45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3326 Datasheet(HTML) 6 Page - RF Micro Devices

  RFCM3326 Datasheet HTML 1Page - RF Micro Devices RFCM3326 Datasheet HTML 2Page - RF Micro Devices RFCM3326 Datasheet HTML 3Page - RF Micro Devices RFCM3326 Datasheet HTML 4Page - RF Micro Devices RFCM3326 Datasheet HTML 5Page - RF Micro Devices RFCM3326 Datasheet HTML 6Page - RF Micro Devices RFCM3326 Datasheet HTML 7Page - RF Micro Devices RFCM3326 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 8
RFCM3326
Evaluation Board Schematic
C8
4.7nF
C3
4.7nF
R5
1k
Ω
R6
1k
Ω
C6
4.7nF
C5
1.2pF
C4
1.2pF
R2
3k
Ω
R3
1.5k
Ω
R4
7.5
Ω
C2
4.7nF
C10
0.3pF
D2
MM3Z5V6T1
R1
5.1k
Ω
D1
TGL34-33A
C1
220pF
C7
4.7nF
U1
RFCM3326
1
2
3
4
9
8
7
6
5
FB1
Bead 60
Ω
T2
RFXF0008
V+
GND
RF IN
RF OUT
R7
DNI
R8
DNI
R9
DNI
C9
DNI
C12
DNI
R10
DNI
R11
DNI
R12
DNI
C11
0.5pF
Vt
C13
4.7nF
T1
RFXF0006
T3
RFXF0009
R13
3.3k
Ω
Evaluation Board Assembly Drawing
Note:
The ground plane of the RFCM3326 module should be soldered onto a board equipped with as many thermal vias as possible.
Underneath this thermal via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete
module DC power (up to 10.4 Watts). In any case the module backside temperature should not exceed 110°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com