Electronic Components Datasheet Search
  English  ▼

X  

RFDA0015 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0015 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0015 Datasheet HTML 1Page - RF Micro Devices RFDA0015 Datasheet HTML 2Page - RF Micro Devices RFDA0015 Datasheet HTML 3Page - RF Micro Devices RFDA0015 Datasheet HTML 4Page - RF Micro Devices RFDA0015 Datasheet HTML 5Page - RF Micro Devices RFDA0015 Datasheet HTML 6Page - RF Micro Devices RFDA0015 Datasheet HTML 7Page - RF Micro Devices RFDA0015 Datasheet HTML 8Page - RF Micro Devices RFDA0015 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFDA0015
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
5
10
15
20
25
30
Error
(dB)
Attenuation (dB)
Successive Step Error, 25C
150MHz
500MHz
850MHz
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3 over Temperature, Max Gain
+25C
-40C
+85C
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3, Major States, 25C, POUT/tone=0dBm
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
17
18
19
20
21
22
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
P1dB
(dBm)
Frequency (GHz)
P1dB over Temperature, Max Gain
+25C
-40C
+85C
30
32
34
36
38
40
42
44
46
-5
-2
1
4
7
10
OIP3
(dBm)
POUT per Tone (dBm)
OIP3 versus POUT, Max Gain, 150 MHz
25C
-40C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com