Electronic Components Datasheet Search
  English  ▼

X  

RFDA0015 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFDA0015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0015 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFDA0015 Datasheet HTML 2Page - RF Micro Devices RFDA0015 Datasheet HTML 3Page - RF Micro Devices RFDA0015 Datasheet HTML 4Page - RF Micro Devices RFDA0015 Datasheet HTML 5Page - RF Micro Devices RFDA0015 Datasheet HTML 6Page - RF Micro Devices RFDA0015 Datasheet HTML 7Page - RF Micro Devices RFDA0015 Datasheet HTML 8Page - RF Micro Devices RFDA0015 Datasheet HTML 9Page - RF Micro Devices RFDA0015 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RFDA0015
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Descriptions
Pin
Function
Description
1AMPIN
Amplifier Input. DC block required.
2GND
RF/DC Ground Connection.
3GND
RF/DC Ground Connection.
4ATTOUT
Digital Attenuator Output. DC block required.
5ACG1
External bypass capacitor required for F<500MHz. (impacts step error)
6ACG2
External bypass capacitor required for F<500MHz. (impacts step error)
7ACG3
External bypass capacitor required for F<500MHz. (impacts step error)
8ACG4
External bypass capacitor required for F<500MHz. (impacts step error)
9ACG5
External bypass capacitor required for F<500MHz. (impacts step error)
10
ACG6
External bypass capacitor required for F<500MHz. (impacts step error)
11
GND
RF/DC Ground Connection.
12
ATTIN
Digital Attenuator Input. DC block required.
13
GND
RF/DC Ground Connection.
14
NC
No internal connection.
15
NC
No internal connection.
16
NC
No internal connection.
17
VDD
Digital Attenuator Supply Voltage.
18
D5
Digital Attenuator Parallel Control Line - 16dB Bit.
19
D4
Digital Attenuator Parallel Control Line - 8dB Bit.
20
D3
Digital Attenuator Parallel Control Line - 4dB Bit.
21
D2
Digital Attenuator Parallel Control Line - 2dB Bit.
22
D1
Digital Attenuator Parallel Control Line - 1dB Bit.
23
D0
Digital Attenuator Parallel Control Line - 0.5dB Bit.
24
NC
No internal connection.
25
NC
No internal connection.
26
NC
No internal connection.
27
NC
No internal connection.
28
GND
RF/DC Ground Connection.
29
AMPOUT/VCC Amplifier Output and Bias. External choke, bypassing, and DC blocks required.
30
GND
RF/DC Ground Connection.
31
GND
RF/DC Ground Connection.
32
GND
RF/DC Ground Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com