Electronic Components Datasheet Search
  English  ▼

X  

RFDA0016 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA0016
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA0016 Datasheet HTML 1Page - RF Micro Devices RFDA0016 Datasheet HTML 2Page - RF Micro Devices RFDA0016 Datasheet HTML 3Page - RF Micro Devices RFDA0016 Datasheet HTML 4Page - RF Micro Devices RFDA0016 Datasheet HTML 5Page - RF Micro Devices RFDA0016 Datasheet HTML 6Page - RF Micro Devices RFDA0016 Datasheet HTML 7Page - RF Micro Devices RFDA0016 Datasheet HTML 8Page - RF Micro Devices RFDA0016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance - 50MHz to 850MHz Broadband Application Circuit
-20
-10
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Gain
(dB)
Frequency (GHz)
Gain versus Temperature,MaxGain
+25C
-40C
+85C
-20
-10
0
10
20
30
40
50
0.05
0.25
0.45
0.65
0.85
Gain
(dB)
Frequency (GHz)
Gain, Major States, 25C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
IRL
(dB)
Frequency (GHz)
Input RLversus Temperature,MaxGain
+25C
-40C
+85C
-30
-25
-20
-15
-10
-5
0
0.05
0.25
0.45
0.65
0.85
IRL
(dB)
Frequency (GHz)
Input RL, Major States, 25C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ORL
(dB)
Frequency (GHz)
Output RL versus Temperature, Max Gain
+25C
-40C
+85C
-30
-25
-20
-15
-10
-5
0
0.05
0.25
0.45
0.65
0.85
ORL
(dB)
Frequency (GHz)
Output RL, Major States, 25C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com