Electronic Components Datasheet Search
  English  ▼

X  

RFDA0016 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0016
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0016 Datasheet HTML 1Page - RF Micro Devices RFDA0016 Datasheet HTML 2Page - RF Micro Devices RFDA0016 Datasheet HTML 3Page - RF Micro Devices RFDA0016 Datasheet HTML 4Page - RF Micro Devices RFDA0016 Datasheet HTML 5Page - RF Micro Devices RFDA0016 Datasheet HTML 6Page - RF Micro Devices RFDA0016 Datasheet HTML 7Page - RF Micro Devices RFDA0016 Datasheet HTML 8Page - RF Micro Devices RFDA0016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3 versus Frequency, 25C, Major Steps
0dB
0.5dB
1dB
2dB
4dB
30
32
34
36
38
40
42
44
46
-5
-3
-1
1
3
5
7
9
OIP3
(dBm)
POUT/Tone (dBm)
OIP3 versus POUT/Tone, 150MHz, Max Gain
25C
-40C
85C
30
32
34
36
38
40
42
44
46
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
OIP3
(dBm)
Frequency (GHz)
OIP3 versus Frequency, Max Gain
+25C
-40C
+85C
16
17
18
19
20
21
22
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
P1dB
(dBm)
Frequency (GHz)
P1dB versus Frequency, MaxGain
+25C
-40C
+85C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
NF (dB)
Frequency (GHz)
NF versus Frequency, Max Gain
+25C
-40C
+85C
0
50
100
150
200
250
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Current
(mA)
Voltage (V)
Current versus Voltage
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com