Electronic Components Datasheet Search
  English  ▼

X  

RFDA0026 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFDA0026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0026 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFDA0026 Datasheet HTML 5Page - RF Micro Devices RFDA0026 Datasheet HTML 6Page - RF Micro Devices RFDA0026 Datasheet HTML 7Page - RF Micro Devices RFDA0026 Datasheet HTML 8Page - RF Micro Devices RFDA0026 Datasheet HTML 9Page - RF Micro Devices RFDA0026 Datasheet HTML 10Page - RF Micro Devices RFDA0026 Datasheet HTML 11Page - RF Micro Devices RFDA0026 Datasheet HTML 12Page - RF Micro Devices RFDA0026 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
RFDA0026
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
800MHz to 1035MHz Application Circuit
Evaluation Board Build of Materials (BOM)
800MHz to 1035MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
RFDA0026, 6 X 6sq. mm, 28-Pin Laminate
U1
RFMD
RFDA0026SB
RFDA2026-411(B)
Viasysytems
RFDA2026-411(B)
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1
AMP
640454-6
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics, Inc.
24-6518-10
CAP, 1
F, 10%, 10V, X5R, 0402
C1, C6, C11
Murata Electronics
GRM155R61A105KE15D
CAP, 68pF, 5%, 50V, C0G, 0402
C7-C8
Murata Electronics
GRM1555C1H680JZ01D
RES, 1K, 5%, 1/16W, 0603
R2
Panasonic Industrial Co.
ERJ-3GEYJ102
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 X 00402
RN1
KOA
CN1E4KTTD102J
RES, 0Ω, 0603
R1, R3, R5
KOA Speer Electronics, Inc.
RK73Z1JLTD
DNP
C2, C5, C10
N/A
N/A
DNP
C3-C4, C9, C12
N/A
N/A
DNP
R4, R6
N/A
N/A
DNP
L1
N/A
N/A
C9
DNP
C10
DNP
C11
1uF
1
2
3
4
5
8
6
7
RN1
1000 ohm
R2
1K
1
J2
RFOUT
C8
68pF
C7
68pF
1
J1
RFIN
R1
0 ohm
1
2
3
4
5
6
P1
HDR_1X6
C1
1uF
C2
DNP
+
C3
DNP
+
C4
DNP
C5
DNP
C6
1uF
PUP
CLK
DATA
LE
VCC
VCC
VCC
VCC
LE
DATA
CLK
VCC
SPI_LE
1
SPI_DATA
2
SPI_CLK
3
PUP
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
GND
18
GND
19
GND
20
GND
21
U1
RFDA0026
PUP
R3
0 ohm
R5
0 ohm
R4
DNP
C12
DNP
L1
DNP
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
CB2
TXD
DTR #
R TS#
V IO
RXD
R I#
GND
DSR #
DC D#
CTS#
CB4
GND
SLD
US B
VCC
PU2
PU1
CB3
3V 3
R ST
VCC
CB1
CB0
P2
UM232R
PUP
CLK
DATA
LE
R6
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com