Electronic Components Datasheet Search
  English  ▼

X  

RFDA0026 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA0026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0026 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA0026 Datasheet HTML 1Page - RF Micro Devices RFDA0026 Datasheet HTML 2Page - RF Micro Devices RFDA0026 Datasheet HTML 3Page - RF Micro Devices RFDA0026 Datasheet HTML 4Page - RF Micro Devices RFDA0026 Datasheet HTML 5Page - RF Micro Devices RFDA0026 Datasheet HTML 6Page - RF Micro Devices RFDA0026 Datasheet HTML 7Page - RF Micro Devices RFDA0026 Datasheet HTML 8Page - RF Micro Devices RFDA0026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RFDA0026
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - 800MHz to 1035MHz Broadband Application Circuit
-30
-10
10
30
50
0.80
0.85
0.90
0.95
1.00
1.05
Frequency (GHz)
Gain, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
Gain Over Temperature, Max. Gain
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
0.80
0.85
0.90
0.95
1.00
1.05
Frequency (GHz)
Input Return Loss, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
Input Return Loss Over Temperature, Max. Gain
+25°C
-40°C
+85°C
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
Output Return Loss Over Temperature,
Max Gain
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
0.8
0.85
0.9
0.95
1
1.05
Frequency (GHz)
Output Return Loss, Major States, 25°C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com