Electronic Components Datasheet Search
  English  ▼

X  

RFDA0045SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0045SR
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0045SR Datasheet HTML 1Page - RF Micro Devices RFDA0045SR Datasheet HTML 2Page - RF Micro Devices RFDA0045SR Datasheet HTML 3Page - RF Micro Devices RFDA0045SR Datasheet HTML 4Page - RF Micro Devices RFDA0045SR Datasheet HTML 5Page - RF Micro Devices RFDA0045SR Datasheet HTML 6Page - RF Micro Devices RFDA0045SR Datasheet HTML 7Page - RF Micro Devices RFDA0045SR Datasheet HTML 8Page - RF Micro Devices RFDA0045SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical RF Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
+5.5
V
DS Supply Current
230
mA
Power Dissipation
1265
mW
Maximum Input RF Power
16
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
150
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency
10
850
MHz
Gain - 150MHz (Max Gain State)
44.5
dB
Attenuation=0dB, 150MHz
Gain - 500MHz (Max Gain State)
43.0
dB
Attenuation=0dB, 500MHz
Gain - 850MHz (Max Gain State)
41.5
dB
Attenuation=0dB, 850MHz
Gain Control Range
31.5
dB
Step Accuracy
+/- (0.15+5% attenuation setting)
dB
Major States, up to 850MHz
Output P1dB
19.5
dBm
Attenuation = 0dB, 50MHz to 850MHz
Output IP3 - 150MHz
42
dBm
POUT=0dBm/tone, 1MHz Spacing, 150MHz
Output IP3 - 500MHz
38
dBm
POUT=0dBm/tone, 1MHz Spacing, 500MHz
Output IP3 - 850MHz
35
dBm
POUT=0dBm/tone, 1MHz Spacing, 850MHz
Noise Figure
2.4
dBm
Attenuation = 0dB
Input Return Loss
14.5
dB
10MHz to 500MHz, Slight Degradation Elsewhere
Output Return Loss
20
dB
10MHz to 500MHz, Slight Degradation Elsewhere
Settling Time
ns
tRISE, tFALL (10%/90% RF)
Control Interface
6
bit
SPI Interface
Impedance
50
Supply Voltage
4.75
5.0
5.25
V
Recommended Operating Voltage
Total Supply Current
155
170
mA
Sum of VDD, VCC_AMP1, VCC_AMP2(RFOUT)
Thermal Resistance
°C/W
Notes:
1. VDD = 5V, Logic Voltage = 5V, T = 25°C.
2. Broadband Application Circuit.
Parameter
Unit
50MHz
150MHz
500MHz
850MHz
Max Small Signal Gain
dB
44.4
44
42.6
41
Output P1dB
dBm
19.7
20
20
20
Output IP3 1
dBm
41
42
40
36
Input Return Loss
dB
17.5
18
13.6
10.6
Output Return Loss
dB
27
23
32
12.2
Noise Figure 2
dB
2.3
2.3
2.4
2.4
Notes:
1. POUT = 0 dBm/tone, 1 MHz Spacing.
2. Attenuation = 0dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com