Electronic Components Datasheet Search
  English  ▼

X  

RFDA0045SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA0045SR
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0045SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA0045SR Datasheet HTML 1Page - RF Micro Devices RFDA0045SR Datasheet HTML 2Page - RF Micro Devices RFDA0045SR Datasheet HTML 3Page - RF Micro Devices RFDA0045SR Datasheet HTML 4Page - RF Micro Devices RFDA0045SR Datasheet HTML 5Page - RF Micro Devices RFDA0045SR Datasheet HTML 6Page - RF Micro Devices RFDA0045SR Datasheet HTML 7Page - RF Micro Devices RFDA0045SR Datasheet HTML 8Page - RF Micro Devices RFDA0045SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RFDA0045
DS110621
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 10MHz to 850MHz Broadband Application Circuit (25°C)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Input Return Loss (Major States)
0
0.5
1
2
4
8
16
31.5
-40
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Normalized Attenuation (Major States)
0.5
1
2
4
8
16
31.5
-40
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Output Return Loss (Major States)
0
0.5
1
2
4
8
16
31.5
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Gain versus Frequency (Max Gain)
25°C
-40°C
85°C
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Step Error (Major States)
0.5
1
2
4
8
16
31.5
-20
-15
-10
-5
0
5
10
15
20
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.85
Frequency (GHz)
Relative Phase (Major States)
0.5
1
2
4
8
16
31.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com