Electronic Components Datasheet Search
  English  ▼

X  

RFDA0047 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFDA0047
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0047 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFDA0047 Datasheet HTML 3Page - RF Micro Devices RFDA0047 Datasheet HTML 4Page - RF Micro Devices RFDA0047 Datasheet HTML 5Page - RF Micro Devices RFDA0047 Datasheet HTML 6Page - RF Micro Devices RFDA0047 Datasheet HTML 7Page - RF Micro Devices RFDA0047 Datasheet HTML 8Page - RF Micro Devices RFDA0047 Datasheet HTML 9Page - RF Micro Devices RFDA0047 Datasheet HTML 10Page - RF Micro Devices RFDA0047 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFDA0047
DS140513
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
7.0mm x 7.0mm Laminate Module
7.000±0.10
7.000±0.10
1.175±0.04
0.275
Ref
A = 0.400 x 0.450 mm
B = 0.450 x 0.400 mm
C = 2.650 x 2.500 mm
D = 2.350 x 5.300 mm
A
A
A
A
A
A
A
B
B
B
B
B
B
A
B
B
A
A
A
AA
A
A
B
B
B
B
B
B
A
B
B
0.000
2x 0.350
2x 1.050
2x 1.750
2x 2.450
2x 0.350
2x 1.050
2x 1.750
2x 2.450
8x 3.175
1.400
1.400
C
C
D
8x 3.175
0.100
All Edges
32x 0.300
0.300
0.300
28x 0.300
Notes:
1. Shaded area represents Pin 1 location



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com