Electronic Components Datasheet Search
  English  ▼

X  

RFDA0047 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA0047
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0047 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA0047 Datasheet HTML 3Page - RF Micro Devices RFDA0047 Datasheet HTML 4Page - RF Micro Devices RFDA0047 Datasheet HTML 5Page - RF Micro Devices RFDA0047 Datasheet HTML 6Page - RF Micro Devices RFDA0047 Datasheet HTML 7Page - RF Micro Devices RFDA0047 Datasheet HTML 8Page - RF Micro Devices RFDA0047 Datasheet HTML 9Page - RF Micro Devices RFDA0047 Datasheet HTML 10Page - RF Micro Devices RFDA0047 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFDA0047
DS140513
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1RFIN_1
AMP 1 RF Input
2GND
RF/DC Ground Connection
3
SPI_VCC
Supply Voltage for SPI Chip
4SPI_LE
Serial Latch Enable Input
5
SPI_DATA
Serial Data Input
6SPI_CLK
Serial Clock Input
7PUP
Power-up Programming Pin
8RFIN_2
AMP 2 RF Input
9GND
RF/DC Ground Connection
10
DSA2_VCC
Supply Voltage for DSA2 Chip
11
GND
RF/DC Ground Connection
12
GND
RF/DC Ground Connection
13
NC
No Connection
14
GND
RF/DC Ground Connection
15
AMP2_VCC
Supply Voltage for Amplifier 2
16
GND
RF/DC Ground Connection
17
RFOUT_2
AMP 2 RF Output
18
GND
RF/DC Ground Connection
19
GND
RF/DC Ground Connection
20
GND
RF/DC Ground Connection
21
GND
RF/DC Ground Connection
22
GND
RF/DC Ground Connection
23
GND
RF/DC Ground Connection
24
RFOUT_1
AMP 1 RF Output
25
GND
RF/DC Ground Connection
26
AMP1_VCC
Supply Voltage for Amplifier 1
27
GND
RF/DC Ground Connection
28
NC
No Connection
29
GND
RF/DC Ground Connection
30
GND
RF/DC Ground Connection
31
DSA1_VCC
Supply Voltage for DSA1 Chip
32
GND
RF/DC Ground Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com