Electronic Components Datasheet Search
  English  ▼

X  

RFDA0066 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFDA0066
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFDA0066 Datasheet HTML 6Page - RF Micro Devices RFDA0066 Datasheet HTML 7Page - RF Micro Devices RFDA0066 Datasheet HTML 8Page - RF Micro Devices RFDA0066 Datasheet HTML 9Page - RF Micro Devices RFDA0066 Datasheet HTML 10Page - RF Micro Devices RFDA0066 Datasheet HTML 11Page - RF Micro Devices RFDA0066 Datasheet HTML 12Page - RF Micro Devices RFDA0066 Datasheet HTML 13Page - RF Micro Devices RFDA0066 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
SPI Timing Diagram Specifications
Power-up Programming Truth Table
Logic Voltage Table
PUP
Attenuator Setting
State
Logic
Low
Attenuation at Max, 31.5dB
Low
0V to 0.8V
High
Attenuation at Min, 0dB
High
2.0 to 5.0V
Parameter
Limit
Unit
Comment
t1
25
MHz max
CLK Frequency
t2
20
ns min
CLK High
t3
20
ns min
CLK Low
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
SPI Timing Diagram
t10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com