Electronic Components Datasheet Search
  English  ▼

X  

RFDA0066 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFDA0066
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFDA0066 Datasheet HTML 8Page - RF Micro Devices RFDA0066 Datasheet HTML 9Page - RF Micro Devices RFDA0066 Datasheet HTML 10Page - RF Micro Devices RFDA0066 Datasheet HTML 11Page - RF Micro Devices RFDA0066 Datasheet HTML 12Page - RF Micro Devices RFDA0066 Datasheet HTML 13Page - RF Micro Devices RFDA0066 Datasheet HTML 14Page - RF Micro Devices RFDA0066 Datasheet HTML 15Page - RF Micro Devices RFDA0066 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
5MHz to 250MHz Application Circuit
*Required Bias Resistance for ICC =115mA (one Amplifier)
Bias Resistance = RBIAS + RCHOKE = ( VCC -VD ) / ICC
( VCC: Supply Voltage; VD: Voltage on the device, ~4.9-5.0V; RBIAS: Bias Resistor; RCHOKE: DCR of choke)
Bias Resistance
Supply Voltage
7V
8V
9V
12V
Bias Resistance
19
27.5
36
63
1
2
3
4
5
8
6
7
RN1
1K
R5
1K
1
J2
RFOUT
1
J1
RFIN
R1
23.7
1
2
3
4
5
6
P1
HDR_1X6
VDD
PUP
CLK
LE
DATA
VDD
VCC
PUP
DATA
LE
CLK
R4
DNP
C21
DNP
AMP1 _IN
1
DSA1 _OUT
2
ACG1
3
ACG2
4
ACG3
5
ACG4
6
DSA1 _IN
7
AMP2 _OUT
15
GND
16
GND
17
AMP2 _IN
18
DSA2 _OUT
19
GND
20
ACG5
21
U1
RFDA0066
C1
2.2uF
C2
10000pF
C3
10000pF
C4
10000pF
C5
10000pF
C6
1uF
C7
1uF
L1
4700nH
C8
1000pF
C9
1uF
+
C10
10uF
C12
10000pF
C13
10000pF
C14
10000pF
C15
10000pF
C16
1uF
L2
4700nH
R3
23.7
VCC
C18
1000pF
C19
1uF
+
C20
10uF
C17
2.2uF
VDD
C22
10000pF
C23
1uF
1
2
P2
HDR_1X2
VCC
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
CB2
TXD
DTR#
RTS#
VIO
RXD
RI#
GND
DSR#
DCD#
CTS#
CB4
GND
SLD
USB
VCC
PU2
PU1
CB3
3V3
RST
VCC
CB1
CB0
P3
UM2 32R
PUP
CLK
DATA
LE
R6
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com