Electronic Components Datasheet Search
  English  ▼

X  

RFDA2077 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA2077
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2077 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA2077 Datasheet HTML 1Page - RF Micro Devices RFDA2077 Datasheet HTML 2Page - RF Micro Devices RFDA2077 Datasheet HTML 3Page - RF Micro Devices RFDA2077 Datasheet HTML 4Page - RF Micro Devices RFDA2077 Datasheet HTML 5Page - RF Micro Devices RFDA2077 Datasheet HTML 6Page - RF Micro Devices RFDA2077 Datasheet HTML 7Page - RF Micro Devices RFDA2077 Datasheet HTML 8Page - RF Micro Devices RFDA2077 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFDA2077
Prelim DS101202
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
V
DC
DC Supply Current
480
mA
Power Dissapation
2700
mW
Max RF Input Power
20
dBm
Operating Temperature (Tcase)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
150
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, V
CC =VDD = 5 V, standard application
circuit.
Frequency Range
1700
2400
MHz
Max Gain
12.0
dB
Attenuation=0dB
Gain Control Range
31.5
dB
Step Accuracy
+/- (0.2+5% attenuation setting)
dB
Major state error up to 2700MHz
P1dB
24.5
dBm
Attenuation=0dB @ 1800MHz
Output IP3
41
dBm
POUT=5dBm/tone, 1MHz spacing @ 1800MHz
Control Interface
12
bit
SPI interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
7
dB
Attenuation=0dB
Channel-to-channel
50
dB
Input at RFIN1 (or RFIN2), the isolation
between two channels
Impedance
50
Ω
Input Return Loss
-18
dB
1800MHz
Output Return Loss
-13
dB
1800MHz
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
220
mA
From Vcc_SPI, Vcc_AMP1 and Vcc_AMP2
Thermal Resistance
44
°C/W
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
1700MHz
1800MHz
1900MHz
2000MHz
2100MHz
2300MHz
Max Small Signal Gain
dB
12.4
12.2
11.8
11.3
10.8
9.5
Output P1dB
dBm
24.7
24.8
25
25.2
25.4
24.9
Output IP3 [1]
dBm
41
41.2
41.7
41.7
41.5
42
Noise Figure
dB
6.8
6.9
6.9
7.0
7.1
7.5
Note: [1] OIP3 is tested at POUT=5dBm/Tone and 1MHz spacing
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com