Electronic Components Datasheet Search
  English  ▼

X  

RFDA2077 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA2077
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2077 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA2077 Datasheet HTML 1Page - RF Micro Devices RFDA2077 Datasheet HTML 2Page - RF Micro Devices RFDA2077 Datasheet HTML 3Page - RF Micro Devices RFDA2077 Datasheet HTML 4Page - RF Micro Devices RFDA2077 Datasheet HTML 5Page - RF Micro Devices RFDA2077 Datasheet HTML 6Page - RF Micro Devices RFDA2077 Datasheet HTML 7Page - RF Micro Devices RFDA2077 Datasheet HTML 8Page - RF Micro Devices RFDA2077 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFDA2077
DIGITAL CONTROLLED VARIABLE GAIN
AMPLIFIER 1700MHz to 2400MHz
RFMD’s RFDA2077 is a dual channel digital controlled variable gain amplifier fea-
turing high linearity over the entire gain control range with noise figure less than
6.5dB in its maximum gain state. The gains of two 6 bit digital step attenuators are
programmed with a serial mode control interface (SPI). The RFDA2077 is packaged
in a small 7.0mmX7.0mm leadless laminate MCM, which contains plated through
thermal vias for ultra low thermal resistance. This module is easy to use with no
external matching components required.
Features
Dual Channel VGA
Frequency Range 1700MHz to
2400MHz
Full Internal Matching and No
External Bias Inductors
Two 6-Bit Digital Step Attenuators
12-Bit SPI Serial Control
Programming
High Channel Isolation = 50dBc
Max Gain=12.2dB@1800MHz
Gain Control Range=31.5dB
(0.5dB step size)
High OIP3/P1dB=+41/24.5dBm
@1800MHz
Single +5V Supply
Small 32-Pin, 7.0mmx7.0mm,
MCM
Power Up Programming
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
Prelim DS101202

Package: MCM 32-Pin, 7.0mmx7.0mm
RFDA2077Dig-
ital Controlled
Variable Gain
Amplifier
1700MHz to
2400MHz
RFDA2077TR13
13” Reel with 2500 pieces
RFDA2077TR7
7” Reel with 750 pieces
RFDA2077SR
7” Sample Reel with 100 pieces
RFDA2077SQ
Sample bag with 25 pieces
RFDA2077PCK-410 1700MHz to 2400MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA2077

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015PCK-410 RFMD-RFDA2015PCK-410 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SQ RFMD-RFDA2015SQ Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SR RFMD-RFDA2015SR Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015TR13 RFMD-RFDA2015TR13 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com