Electronic Components Datasheet Search
  English  ▼

X  

RFFC2071 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFC2071
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFC2071 Datasheet HTML 1Page - RF Micro Devices RFFC2071 Datasheet HTML 2Page - RF Micro Devices RFFC2071 Datasheet HTML 3Page - RF Micro Devices RFFC2071 Datasheet HTML 4Page - RF Micro Devices RFFC2071 Datasheet HTML 5Page - RF Micro Devices RFFC2071 Datasheet HTML 6Page - RF Micro Devices RFFC2071 Datasheet HTML 7Page - RF Micro Devices RFFC2071 Datasheet HTML 8Page - RF Micro Devices RFFC2071 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN) any pin
-0.3 to VDD + 0.3
V
RF/IF mixer input power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Thermal Resistance (RTH)32
°C/W
Storage Temperature Range
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
ESD Requirements
Human Body Model
2000
V
DC Pins
1500
V
All Pins
Charge Device Model
500
V
All Pins
Operating Conditions
Supply voltage (VDD)
2.7
3.0
3.3
V
Temperature (TOP)
-40
+85
°C
Logic Inputs/Outputs (VDD = Supply to DIG_VDD pin)
Input low voltage
-0.3
+0.5
V
Input high voltage
VDD / 1.5
VDD
V
Input low current
-10
+10
AInput = 0V
Input high current
-10
+10
AInput = VDD
Output low voltage
0
0.2*VDD
V
Output high voltage
0.8*VDD
VDD
V
Load resistance
10
kΩ
Load capacitance
20
pF
GPO Drive Capability
Sink Current
20
mA
at VOL = 0.6V
Source Current
20
mA
at VOL = 2.4V
Output Impedance
25
Static
Supply Current (IDD) with 1GHz LO
100
mA
Low current, MIX_IDD=1, one mixer enabled.
125
mA
High linearity, MIX_IDD=6, one mixer enabled.
Standby
2
mA
Reference oscillator and bandgap only.
Power Down Current
300
A
ENBL=0 and REF_STBY=0
Mixer 1/2 (Mixer output driving 4:1 balun)
Gain
-2
dB
Not including balun losses
Noise Figure
10
dB
Low current setting
13
dB
High linearity setting
IIP3
+10
dBm
Low current setting
+23
dBm
High linearity setting
Input port frequency range
30
2700
MHz
Mixer input return loss
10
dB
100Ω differential
Output port frequency range
30
2700
MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com