Electronic Components Datasheet Search
  English  ▼

X  

RFFC2071 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RFFC2071
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RFFC2071 Datasheet HTML 15Page - RF Micro Devices RFFC2071 Datasheet HTML 16Page - RF Micro Devices RFFC2071 Datasheet HTML 17Page - RF Micro Devices RFFC2071 Datasheet HTML 18Page - RF Micro Devices RFFC2071 Datasheet HTML 19Page - RF Micro Devices RFFC2071 Datasheet HTML 20Page - RF Micro Devices RFFC2071 Datasheet HTML 21Page - RF Micro Devices RFFC2071 Datasheet HTML 22Page - RF Micro Devices RFFC2071 Datasheet HTML 23Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Characteristics of Both RF Mixers
VDD = +3V and TA = +27°C unless stated. Measured on RFFC2071 evaluation board.
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0 1200.0 1400.0 1600.0
Level at
Mixer 1
Output
(dBm)
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 1 Output
RF Input Power 0dBm, MIX1_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0
1200.0 1400.0 1600.0
Level at
Mixer 2
Output
(dBm)
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 2 Output
RF Input Power 0dBm, MIX2_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
200 400 600 800 1000 1200 1400 1600 1800 2000
LO
Leakage
(dBm)
LO Frequency (MHz)
Typical LO Leakage at Mixer Output
+3.0V Supply Voltage
Path 1, -40 Deg C
Path 1, +27 Deg C
Path 1, +85 Deg C
Path 2, -40 Deg C
Path 2, +27 Deg C
Path 2, +85 Deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com