Electronic Components Datasheet Search
  English  ▼

X  

F9307 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F9307
Description  RF bandpass filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9307 Datasheet(HTML) 2 Page - Integrated Technology Future

  F9307 Datasheet HTML 1Page - Integrated Technology Future F9307 Datasheet HTML 2Page - Integrated Technology Future F9307 Datasheet HTML 3Page - Integrated Technology Future F9307 Datasheet HTML 4Page - Integrated Technology Future F9307 Datasheet HTML 5Page - Integrated Technology Future F9307 Datasheet HTML 6Page - Integrated Technology Future F9307 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F9307
Part No.
F9307
Rev. Date
2014-04-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
2/7
Preliminary Specifications
Fc = 930 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
930
-
MHz
Insertion Loss ( 920 ~ 940 MHz )
Insertion Loss ( 925 ~ 938 MHz )
-
-
2.7
1.5
3.0
2.5
dB
Amplitude Ripple ( 920 ~ 940 MHz )
Amplitude Ripple ( 925 ~ 938 MHz )
-
-
1.5
0.8
2.0
1.5
dB p-p
VSWR ( 920 ~ 940 MHz )
VSWR ( 925 ~ 938 MHz )
-
-
1.7
1.7
2.0
2.0
Attenuation
0.3 ~ 890 MHz
970 ~ 2000 MHz
25
25
29
32
-
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com