Electronic Components Datasheet Search
  English  ▼

X  

F9307 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F9307
Description  RF bandpass filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9307 Datasheet(HTML) 1 Page - Integrated Technology Future

  F9307 Datasheet HTML 1Page - Integrated Technology Future F9307 Datasheet HTML 2Page - Integrated Technology Future F9307 Datasheet HTML 3Page - Integrated Technology Future F9307 Datasheet HTML 4Page - Integrated Technology Future F9307 Datasheet HTML 5Page - Integrated Technology Future F9307 Datasheet HTML 6Page - Integrated Technology Future F9307 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F9307
Part No.
F9307
Rev. Date
2014-04-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
1/7
4
5
6
1
2
3
1
2
3
6
5
4
Features
RF bandpass filter
High attenuation
No matching 50Ω single-ended operation
Ceramic Surface Mounted Device (SMD) Package ( 3.0 mm * 3.0 mm )
RoHS Compliant
Package Dimensions
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
℃
0
25
70
Storage Temperature Range
℃
-30
25
85
Power Handling Capability
dBm
-
-
10
Electrostatics Sensitive Device (ESD)
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Case ground
I
9307
G64


Similar Part No. - F9307

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9306 ITF-F9306 Datasheet
161Kb / 7P
SAW Bandpass Filter F9306
logo
Nichicon corporation
F930E107MBA NICHICON-F930E107MBA Datasheet
136Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930E157MBA NICHICON-F930E157MBA Datasheet
136Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930E227MBA NICHICON-F930E227MBA Datasheet
136Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930E337MCC NICHICON-F930E337MCC Datasheet
136Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F9307

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW312 TEMEX-TMXW312 Datasheet
349Kb / 5P
SAW Bandpass Filter -GPS - RF
TMXW347 TEMEX-TMXW347 Datasheet
271Kb / 5P
SAW Bandpass Filter - GPS - RF
TMXW353 TEMEX-TMXW353 Datasheet
289Kb / 5P
SAW Bandpass Filter - Bluetooth - RF
TMXW356 TEMEX-TMXW356 Datasheet
285Kb / 5P
SAW Bandpass Filter - LMR - RF
TMXW357 TEMEX-TMXW357 Datasheet
374Kb / 5P
SAW Bandpass Filter - LMR - RF
TMXAT15 TEMEX-TMXAT15 Datasheet
310Kb / 5P
SAW Bandpass Filter - Broadcast - RF
logo
Integrated Technology F...
F2G54 ITF-F2G54 Datasheet
165Kb / 7P
RF Bandpass Filter
2014-02-28
F2G64 ITF-F2G64 Datasheet
165Kb / 7P
RF Bandpass Filter
2014-02-28
F4472 ITF-F4472 Datasheet
168Kb / 7P
RF bandpass filter
2013-03-22
F4602 ITF-F4602 Datasheet
173Kb / 7P
RF bandpass filter
2012-09-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com