Electronic Components Datasheet Search
  English  ▼

X  

RFFM5541 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM5541
Description  4.9GHz to 5.85GHz Switch and LNA Front End Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM5541 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM5541 Datasheet HTML 1Page - RF Micro Devices RFFM5541 Datasheet HTML 2Page - RF Micro Devices RFFM5541 Datasheet HTML 3Page - RF Micro Devices RFFM5541 Datasheet HTML 4Page - RF Micro Devices RFFM5541 Datasheet HTML 5Page - RF Micro Devices RFFM5541 Datasheet HTML 6Page - RF Micro Devices RFFM5541 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 7
RFFM5541
PROPOSED
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD - Human Body Model (HBM)
500
V
ESD – Charge Device Model (CDM)
1000
V
LNA Input Power (No Damage)
5
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
VDD = 2.7V to 4.2V, LNA_EN = 2.5V to VDD - 0.2V,
Temp = -15°C to +75°C, Freq = 4.9GHz to 5.85GHz,
unless otherwise noted.
Receive Parameters
Frequency
4.90
5.85
GHz
Vdd (LNA Voltage Supply)
2.7
3.6
4.2
V
LNA EN
ON state
2.5
3.3
Vdd - 0.2
V
OFF state
0
0.2
V
LNA_EN OFF turns bypass switch ON
Switch Control Logic
Low
0
0.2
V
High
2.5
3.3
Vdd - 0.2
V
LNA Current
LNA Vdd
17
22
mA
LNA in “ON” State
25
mA
Extended temp range, -40°C to +85°C
Vdd Leakage Current
5
10
uA
LNA in “OFF” State
15
uA
Extended temp range, -40°C to +85°C
LNA_EN Current
5
uA
10
uA
Extended temp range, -40°C to +85°C
Gain
WiFi RX
11
16
20
dB
Includes temp range -40°C to +85°C
Bypass Mode
-13
-9
-7
dB
Noise Figure
2.4
3.0
dB
VDD > 3.0V, including switch; Temp=25°C
3.5
dB
Extended temp range -40°C to +85°C; VDD > 3.0V, including switch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com