Electronic Components Datasheet Search
  English  ▼

X  

RFFM5541 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM5541
Description  4.9GHz to 5.85GHz Switch and LNA Front End Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM5541 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM5541 Datasheet HTML 1Page - RF Micro Devices RFFM5541 Datasheet HTML 2Page - RF Micro Devices RFFM5541 Datasheet HTML 3Page - RF Micro Devices RFFM5541 Datasheet HTML 4Page - RF Micro Devices RFFM5541 Datasheet HTML 5Page - RF Micro Devices RFFM5541 Datasheet HTML 6Page - RF Micro Devices RFFM5541 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFFM5541
4.9GHz to 5.85GHz Switch and LNA
Front End Solution
The RFFM5541 is designed specifically for high-performance WiFi
applications in the 5GHz ISM band. This module integrates the LNA with
bypass and a SPDT switch of a Front End solution. The integrated input
and output match reduces the number of external components keeping
cost down and utilizing minimum layout area for implementation. The
RFFM5541 is provided in a 2mm x 2mm x 0.5mm, 12-pin QFN package.
This LNA + Switch front-end solution meets or exceeds the specification
requirements of IEEE 802.11a RF systems.
1
2
3
9
8
7
6
5
4
12
GND
NC
RX_Out
ANT
10
11
GND
NC
Functional Block Diagram
Ordering Information
RFFM5541SB
Standard 5-piece bag
RFFM5541SQ
Standard 25-piece bag
RFFM5541SR
Standard 100-piece reel
RFFM5541TR
Standard 2500-piece reel
RFFM5541PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 12-pin,
2.0mm x 2.0mm x 0.5mm
Features
■ TX Switch High Linearity:
Pin>21dBm with <1% EVM MCS9
■ Single Supply Voltage 2.7V to 4.8V
■ Integrated 5GHz LNA With Bypass
and SPDT
Applications
■ IEEE802.11a WiFi Applications
■ Consumer Electronics
■ Mobile Devices
■ Gaming
■ General Purpose Switch and LNA
Solution for 4.9GHz to 5.85GHz
Frequency Range
RFFM5541


Similar Part No. - RFFM5541

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM5765Q RFMD-RFFM5765Q Datasheet
874Kb / 15P
Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
Qorvo, Inc
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765QPCBA-410 RFMD-RFFM5765QPCBA-410 Datasheet
874Kb / 15P
Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
Qorvo, Inc
RFFM5765QPCK-410 QORVO-RFFM5765QPCK-410 Datasheet
898Kb / 15P
Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765QSQ RFMD-RFFM5765QSQ Datasheet
874Kb / 15P
Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
More results

Similar Description - RFFM5541

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
3.3V, SWITCH AND LNA FRONT END SOLUTION
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com