Electronic Components Datasheet Search
  English  ▼

X  

RFFM6204 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6204
Description  2.0V to 4.0V, 2.4GHz Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6204 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6204 Datasheet HTML 1Page - RF Micro Devices RFFM6204 Datasheet HTML 2Page - RF Micro Devices RFFM6204 Datasheet HTML 3Page - RF Micro Devices RFFM6204 Datasheet HTML 4Page - RF Micro Devices RFFM6204 Datasheet HTML 5Page - RF Micro Devices RFFM6204 Datasheet HTML 6Page - RF Micro Devices RFFM6204 Datasheet HTML 7Page - RF Micro Devices RFFM6204 Datasheet HTML 8Page - RF Micro Devices RFFM6204 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140808
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM6204
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit Mode - Power Amplifier
VDD _TX = 3.0V, C_EN = High, VDD _RX = 3.0V,
C_TX =High, C_RX =Low, C_BYP =Low, Temp =25°C unless
otherwise specified
Rated Output Power
15.0
dBm
VDD_TX = 4.0V
13.3
dBm
VDD_TX = 3.3V
13.0
dBm
VDD _TX = 3.0V
10.0
dBm
VDD _TX = 2.0V
Supply Current
15
18
mA
VDD _TX = 2.0V; POUT = 10dBm
19
23
mA
VDD _TX = 3.0V; POUT = 13dBm
21
27
mA
VDD _TX = 4.0V; POUT = 15dBm
Second Harmonic (2f0)
-20.0
-15.0
dBm/MHz
POUT = 13dBm
-45.0
-42.0
dBm/MHz
POUT = 13dBm, with external filter
Third Harmonic (3f0)
-35.0
-30.0
dBm/MHz
POUT = 13dBm
-45.0
-42.0
dBm/MHz
POUT = 13dBm, with external filter
VSWR
4:1
Stability (ruggedness)
8:1
No Damage
Gain Settling Time
230
300
ns
Receive Mode – LNA
VDD_TX = 3.0V, C_EN = High, VDD_RX = 3.0V,
C_TX =Low, C_RX =High, C_BYP =Low, Temp =25°C
Input Return Loss
10.0
dB
Output Return Loss
10.0
dB
Pins 3, 4 (RFN, RFP) 100
Ω differential
Gain
10.5
12.0
13.5
dB
Gain Flatness
-0.5
0.5
dB
Noise Figure
2.5
3.0
dB
Supply Current
4.0
mA
IIP3
4.0
dBm
IP1dB
-5.0
dBm
Amplitude Imbalance
-0.5
0.5
dB
Phase Imbalance
-5.0
5.0
°
Bidirectional Thru Mode
VDD_TX = 3.0V, C_EN = High, VDD_RX = 3.0V,
C_TX =Low, C_RX =Low, C_BYP =High, Temp =25°C
Input Return Loss
12.0
dB
Output Return Loss
10.0
dB
Pins 3, 4 (RFN, RFP) 100
Ω differential
Insertion Loss
3.0
3.5
dB
Gain flatness
-0.1
0.1
dB
Supply Current
100
nA
IIP3
35.0
dBm
Amplitude Imbalance
-0.1
0.1
dB
Phase Imbalance
-5.0
5.0
°
Maximum Input Power
25
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com